Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFP_B32686A Datasheet(PDF) 4 Page - TDK Electronics

Part No. MFP_B32686A
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

MFP_B32686A Datasheet(HTML) 4 Page - TDK Electronics

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1000 400
68
12.0
× 22.5 × 42.0 B32686A0683+000
288
100
12.0
× 22.5 × 42.0 B32686A0104+000
288
150
14.0
× 25.0 × 42.0 B32686A0154+000
224
220
16.0
× 28.5 × 42.0 B32686A0224+000
192
330
20.0
× 39.5 × 42.0 B32686A0334+000
128
470
20.0
× 39.5 × 42.0 B32686A0474+000
128
1250 450
68
12.0
× 22.5 × 42.0 B32686A7683+000
288
100
14.0
× 25.0 × 42.0 B32686A7104+000
224
150
16.0
× 28.5 × 42.0 B32686A7154+000
192
220
18.0
× 32.5 × 42.0 B32686A7224+000
192
330
20.0
× 39.5 × 42.0 B32686A7334+000
128
1600 450
47
12.0
× 22.5 × 42.0 B32686A1473+000
288
68
14.0
× 25.0 × 42.0 B32686A1683+000
224
100
18.0
× 32.5 × 42.0 B32686A1104+000
192
150
20.0
× 39.5 × 42.0 B32686A1154+000
128
2000 500
22
12.0
× 22.5 × 42.0 B32686A2223+000
288
33
14.0
× 25.0 × 42.0 B32686A2333+000
224
47
16.0
× 28.5 × 42.0 B32686A2473+000
192
68
18.0
× 32.5 × 42.0 B32686A2683+000
192
100
20.0
× 39.5 × 42.0 B32686A2104+000
128
B32686A
Very high pulse (wound)
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn