Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFP_B32686A Datasheet(PDF) 3 Page - TDK Electronics

Part No. MFP_B32686A
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

MFP_B32686A Datasheet(HTML) 3 Page - TDK Electronics

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Overview of available types
Lead spacing 37.5 mm
Type
B32686A
VR (V DC)
1000
1250
1600
2000
VRMS (V AC)
400
450
450
500
CR (nF)
22
33
47
68
100
150
220
330
470
B32686A
Very high pulse (wound)
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn