Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFP_B32686A Datasheet(PDF) 2 Page - TDK Electronics

Part No. MFP_B32686A
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MFP_B32686A Datasheet(HTML) 2 Page - TDK Electronics

  MFP_B32686A Datasheet HTML 1Page - TDK Electronics MFP_B32686A Datasheet HTML 2Page - TDK Electronics MFP_B32686A Datasheet HTML 3Page - TDK Electronics MFP_B32686A Datasheet HTML 4Page - TDK Electronics MFP_B32686A Datasheet HTML 5Page - TDK Electronics MFP_B32686A Datasheet HTML 6Page - TDK Electronics MFP_B32686A Datasheet HTML 7Page - TDK Electronics MFP_B32686A Datasheet HTML 8Page - TDK Electronics MFP_B32686A Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical applications
Smoothing
Snubbering
High-frequency AC loads
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Film metallized on one side and
metal foils internally connected in series
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very high pulse strength
Highest possible contact reliability
Self-healing properties
RoHS-compatible
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
series number,
style (MFP),
rated capacitance,
capacitance tolerance (code letter),
rated DC voltage,
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
37.5
1.0
B32686A
Metallized polypropylene film capacitors (MFP)
B32686A
Very high pulse (wound)
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn