Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML812BCT Datasheet(PDF) 9 Page - Rohm

Part # SML812BCT
Description  Reverse-mount available type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML812BCT Datasheet(HTML) 9 Page - Rohm

Back Button SML812BCT Datasheet HTML 4Page - Rohm SML812BCT Datasheet HTML 5Page - Rohm SML812BCT Datasheet HTML 6Page - Rohm SML812BCT Datasheet HTML 7Page - Rohm SML812BCT Datasheet HTML 8Page - Rohm SML812BCT Datasheet HTML 9Page - Rohm SML812BCT Datasheet HTML 10Page - Rohm SML812BCT Datasheet HTML 11Page - Rohm SML812BCT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-81 Series
2014.11 - Rev.G
9/11
l
Precaution (Surface Mount Device)
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state, it may vaporize and expand
which will influence the performance of the product. Therefore, the package is waterproof. Please use the
product following the conditions:
• Using Conditions
Classification
Temperature
Humidity
Expiration Date
Remark
1
Before using
5 to 30ºC
30 to 70%RH
Within 1 year
from Receiving Storage with waterproof package
2
After opening
package
5 to 30ºC
Below 70%RH
Within168h Please storing in the airtight container with
our desiccant (silica gel)
• Baking
Bake the product in case of below:
1
The expiration date is passed.
2
The color of indicator (silica gel) turned from blue to colorless or from green to pink.
(Even if the product is within the expiration date.)
• Baking Conditions
Temperature
Time
Humidity
60±3ºC
12 to 24h
Below 20%RH
Remark
• Bake products in reel.
• Reel and embossed tape are easy to be deformed when baking, so please try not to
apply stress on it.
• Recommend bake once.
2.Application Methods
2-1. Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that applies on the
products. If drive by constant voltage, it may cause current deviation of the LED and result in deviation of
luminous intensity, so we recommend to drive by constant current. (Deviation of VF Value will cause deviation of
current in LED.) Furthermore, for off mode, please do not apply voltage neither forward nor reverse. Especially,
for the products with the Ag-paste used in the die bonding, there’s high possibility to cause electro migration and
result in function failure.
2-2. Operation Life Span
There’s possibility for intensity of light drop according to working conditions and environments (applied current,
surrounding temperature and humidity, corrosive gases), please call our Sales staffs for inquiries about the
concerned application below.
1
Longtime intensity of light life
2
On mode all the time
2-3.Applied Stress on Product
The top of the LED is very soft, which the silicon resin is used as sealing resin. Therefore, please pay attention
to the overstress on it which may influence its reliability.
2-4.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip, Rectifier,
Switching and so on.


Similar Part No. - SML812BCT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCT ROHM-SML812BCT Datasheet
2Mb / 4P
   Reverse-mount type
SML812BCT ROHM-SML812BCT Datasheet
590Kb / 11P
   Reverse-mount available type
SML812BCT ROHM-SML812BCT Datasheet
590Kb / 11P
   Reverse-mount available type
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML812BCT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com