Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811UTA Datasheet(PDF) 2 Page - Rohm

Part # SML-811UTA
Description  Reverse-mount available type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811UTA Datasheet(HTML) 2 Page - Rohm

  SML-811UTA Datasheet HTML 1Page - Rohm SML-811UTA Datasheet HTML 2Page - Rohm SML-811UTA Datasheet HTML 3Page - Rohm SML-811UTA Datasheet HTML 4Page - Rohm SML-811UTA Datasheet HTML 5Page - Rohm SML-811UTA Datasheet HTML 6Page - Rohm SML-811UTA Datasheet HTML 7Page - Rohm SML-811UTA Datasheet HTML 8Page - Rohm SML-811UTA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-81 Series
lElectrical Characteristics Curves
 
1
10
100
1.4
1.6
1.8
2.0
2.2
2.4
0.4
0.6
0.8
1
1.2
1.4
1.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90100
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
0
10
20
30
-40
-20
0
20
40
60
80
100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : V
F [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : I
F [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
SML-811VT(A)
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
SML-812MT
SML-811VT(A)
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
SML-812MT
SML-811VT(A)
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
SML-812MT
SML-811VT(A)
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
SML-812MT
I
F=10mA
I
F=20mA
2/11
2014.11 - Rev.G


Similar Part No. - SML-811UTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811UTA ROHM-SML-811UTA Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results

Similar Description - SML-811UTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com