Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC725V0NSZX Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC725V0NSZX
Description  High Sensitivity and High Collector-emitter Voltage Type Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC725V0NSZX Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC725V0NSZX Datasheet HTML 5Page - Sharp Corporation PC725V0NSZX Datasheet HTML 6Page - Sharp Corporation PC725V0NSZX Datasheet HTML 7Page - Sharp Corporation PC725V0NSZX Datasheet HTML 8Page - Sharp Corporation PC725V0NSZX Datasheet HTML 9Page - Sharp Corporation PC725V0NSZX Datasheet HTML 10Page - Sharp Corporation PC725V0NSZX Datasheet HTML 11Page - Sharp Corporation PC725V0NSZX Datasheet HTML 12Page - Sharp Corporation PC725V0NSZX Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PC725V0NIZX/PC725V0NIPX
VCC
tr
tr
ts
90%
10%
td
Output
Input
RL
RD
Input
Output
Frequency f (kHz)
−5
0.05 0.1 0.2
0.5
−15
20
10
5
2
1
50 100
−20
−10
0
100
10
RL=1kΩ
VCE=2V
IC=20mA
RBE=∞
Ta=25˚C
Fig.11
Test Circuit for Response Time
Fig.13
Test Circuit for Frequency Response
Fig.12
Frequency Response
VCC
RD
Output
RL


Similar Part No. - PC725V0NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC725V0NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC725V SHARP-PC725V Datasheet
68Kb / 4P
   High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC865 SHARP-PC865 Datasheet
97Kb / 5P
   High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter
PC875 SHARP-PC875 Datasheet
100Kb / 6P
   High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com