Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3561 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PA3561
Description  Drywall Punch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA3561 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PA3561 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 10Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 11Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 12Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Fiber Optic
8017
1362
2652
SMA, SMB, SFR, ST, SC
.128/.151/.215/.197/.178” HEX
Universal
3.2/3.83/5.46/5.0/4.5 mm HEX
8037
1369
2669
SC, FC-3
.120/.137/.090 RND
3M
3.05/3.48/4.83 mm RND
8039
1375
2685
LC, ST, FC, MT-RJ, SC
.151/.178 HEX/LC RND/.190 RND
Lucent & Krone, 3M,
3.83/4.5 HEX/LC RND/8.83 mm RND
Universal
8050
1390
2695
SC
2.0/2.5/3.0 mm RND SC
AMP (Tyco) Inc.
Coax Cable
1617
2005
BNC/TNC - RG58/59/62AU,
.256/.213/.068” HEX
Common 2- & 3-piece
Belden 8281
6.5/5.4/1.7 mm
BNCs
1609
2660
BNC/TNC - Belden 8281
.324/.068” HEX & .042” SQ
Kings, ADC, Switchcraft,
& 7505
8.2/.1.7 mm HEX & 1.0mm SQ
Amphenol HDTV
1669
2683
BNC/TNC - Belden 1855,
.278/.255/.178/.041” HEX
Universal die for all HDTV
1505 & 1694
Fiber Optic
1614
2664
SMA, SMB, FC
.213/.178/.151” HEX
Biconic,SC, ST
5.41/4.52/3.83 mm
1668
2668
SC & ST
.120/.137/.190” RND
3M, Suncall, Fiber Source
3.05/3.48/4.83 mm
1600 Series Die Set
Connector/
Crimp Sizes
Connector Manufacturer
Tool & Die
Only
Cable Type
or Comments
Unshielded Twisted Pair (UTP)
8030
1307
2061
RJ45 - 8P8C (8 Pin)
Western Electric (WE)/
Stewart Connector (SS)
8031
1340
2062
RJ11 & RJ12 - 6P6C,
Western Electric (WE)/
6P4C, 6P2C
Stewart Connector (SS)
8033
1342
2064
RJ45 - 8P8C (8 Pin)
AMP (Tyco) Inc.
8034
1343
2065
RJ11 & RJ12 - 6P6C,
AMP (Tyco) Inc.
6P4C, 6P2C
8045
1387
2687
RJ45 & CATV “F” -
.360/.324 HEX
WE/SS-style RJ45
UTP & RG6/6QS
9.1/8.3 mm HEX
UTP and Coaxial
8045
1387
2687
RJ45 & CATV “F” -
.360/.324 HEX
WE/SS-style RJ45
UTP & RG6/6QS
9.1/8.3 mm HEX
8000 Series 1300 Series
Die Set
Connector/
Crimp Sizes
Connector Manufacturer
Tool & Die
Tool & Die
Only
Cable Type
or Comments
Coaxial
8001
1317
2034
BNC/TNC -
.256/.213/.068” HEX
Common 2- & 3-piece
RG58/59/62AU
6.5/5.4/1.7 mm
BNCs
8045
1387
2687
RJ45 & CATV “F” -
.360/.324 HEX
WE/SS-style RJ45
UTP & RG6/6QS
9.1/8.3 mm HEX
8003
1367
2649
HDTV BNC/TNC &
.324/.255/.068” HEX & 052” SQ
Kings, ADC, Amphenol
CATV “F”- RG59, 6 &
6.5/5.0/4.5/1.7 mm HEX & 1.0 SQ
Belden 8281, 1694A
8005
1363
2653
SMA. SMB, Mini-59
.128/.213/.197/.178/.068”
Common connectors
BNC/TNC, Mini-UHF
Hex & 042” SQ 3.2/5.4/5.0/
4.5/1.7 mm HEX & 1.0 SQ
8049
1389
2699
HDTV BNC/TNC - Belden
.041/.068/.178/.255/.278 HEX
Universal - Kings, ADC,
1505A, 1855A, 1694A,
1.0/1.7/4.5/6.5/7.0 mm
Trompeter, Switchcraft
RG59, NT735, AND RG174
1300 and 8000 Series Crimpers & Die Sets
1600 Series Crimpers & Die Sets
9


Similar Part No. - PA3561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA35-13 ETC2-PA35-13 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
   Pole mount or surface mount
logo
List of Unclassifed Man...
PA350 ETC-PA350 Datasheet
352Kb / 1P
   RISING CLAMP TERMINAL BLOCK
logo
Pulse A Technitrol Comp...
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
   Dual USB Power Control Switch with Over-Current/Voltage Protection
More results

Similar Description - PA3561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA8037 ETC2-PA8037 Datasheet
1Mb / 16P
   Rough-in outlet boxes with drywall punch and saw
logo
Molex Electronics Ltd.
63444-0805 MOLEX11-63444-0805 Datasheet
34Kb / 1P
   Punch
63444-1421 MOLEX11-63444-1421 Datasheet
33Kb / 1P
   Punch
63444-1605 MOLEX11-63444-1605 Datasheet
33Kb / 1P
   Punch
63444-1609 MOLEX11-63444-1609 Datasheet
33Kb / 1P
   Punch
63444-1836 MOLEX11-63444-1836 Datasheet
34Kb / 1P
   Punch
63446-1902 MOLEX11-63446-1902 Datasheet
41Kb / 1P
   Punch
63444-1009 MOLEX11-63444-1009 Datasheet
34Kb / 1P
   Punch
63444-0802 MOLEX11-63444-0802 Datasheet
33Kb / 1P
   Punch
63446-1110 MOLEX11-63446-1110 Datasheet
63Kb / 1P
   Punch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com