Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA63484 Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # IA63484
Description  Advanced CRT Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA63484 Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button IA63484 Datasheet HTML 7Page - InnovASIC, Inc IA63484 Datasheet HTML 8Page - InnovASIC, Inc IA63484 Datasheet HTML 9Page - InnovASIC, Inc IA63484 Datasheet HTML 10Page - InnovASIC, Inc IA63484 Datasheet HTML 11Page - InnovASIC, Inc IA63484 Datasheet HTML 12Page - InnovASIC, Inc IA63484 Datasheet HTML 13Page - InnovASIC, Inc IA63484 Datasheet HTML 14Page - InnovASIC, Inc IA63484 Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
IA63484
Data Sheet
Advanced CRT Controller
Copyright
© 2001
ENG 21101041200
www.innovasic.com
innovASIC
Customer Support:
The End of Obsolescence
Page
11 of 32
1−888−824−4184
In Interleaved Access Mode (dual access mode 0), display cycles and drawing cycles are interleaved.
A display or drawing cycle is defined as four cycles of clk_2.
• During the first clk_2 cycle, the ACRTC outputs the frame buffer display address.
• During the second clk_2 cycle, the display data is output from the frame buffer.
• During the third clk_2, the ACRTC outputs the frame buffer drawing address.
• During the fourth clk_2 cycle, the ACRTC reads or writes the drawing data.
In Superimposed Access Mode (dual access mode 1), two separate logical screens are accessed during
each display cycle. The display cycle is defined as four clk_2 cycles. If the third and fourth cycles are
not used for window display, they can be used for drawing; similar to the Interleaved Mode.
• During the first clk_2 cycle, the ACRTC outputs the background screen frame buffer address.
• During the second clk_2 cycle, the background screen displays data.
• During the third clk_2 cycle, the ACRTC outputs the window screen frame buffer address or the
drawing frame buffer address.
• During the fourth clk_2 cycle, the ACRTC reads (display or drawing) or writes (drawing) the
window screen display or drawing data.
Graphic Address Increment (GAI) Mode:
The ACRTC can be programmed to control the graphic display address in one of six ways, by
incrementing by 1, 2, 4, 8, and 16 words, 1 word every two display cycles, and no increment. Setting
GAI to increment by 2, 4, 8, or 16 words per display cycle achieves 2, 4, 8, or 16 times the video data
rate corresponding to GAI = 1. This allows the number of bits/logical pixel and logical pixel
resolution to be increased while meeting the clk_2 maximum frequency constraint.
When the frame buffer memory uses dynamic RAMs (DRAMs), the ACRTC automatically provides
DRAM refresh addressing.
During hsync_n low, the ACRTC outputs the values of an 8-bit DRAM refresh counter on the
multiplexed frame buffer address and data bus mad[15:0]. The counter is decremented on each
frame buffer access. The refresh address pin assignment (mad[15:0]) depends on the GAI mode.
The remaining mad and ma19_16_ra outputs not used for refresh addressing are cleared to a low
value.
Table 1: GAI and DRAM Refresh Addressing
Address Increment Mode
Refresh Address Output Terminal
+1 (GAI = 000)
mad[7:0]
+2 (GAI = 001)
mad[8:1]
+4 (GAI = 010)
mad[9:2]
+8 (GAI = 011)
mad[10:3]
+16 (GAI = 100)
mad[11:4]
+0 (GAI = 101)
mad[7:0]
+1/2 (GAI = 11X)
mad[7:0]


Similar Part No. - IA63484

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IA6-12GM35-U-V1 PF-IA6-12GM35-U-V1 Datasheet
252Kb / 2P
   Inductive analog sensor
IA6-12GM50-IU-V1 PF-IA6-12GM50-IU-V1 Datasheet
286Kb / 2P
   Inductive analog sensor
logo
Rohm
IA6008-CA11A ROHM-IA6008-CA11A Datasheet
65Kb / 5P
   Color image sensor heads for multi-function
IA6008-FA22A ROHM-IA6008-FA22A Datasheet
60Kb / 5P
   Color image sensor heads for multi-function
IA6008-FB10A ROHM-IA6008-FB10A Datasheet
78Kb / 6P
   Color image sensor heads for multi-function
More results

Similar Description - IA63484

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD63484 HITACHI-HD63484 Datasheet
2Mb / 47P
   ADVANCED CRT CONTROLLER (ACRTC)
logo
List of Unclassifed Man...
R6545 ETC1-R6545 Datasheet
1Mb / 19P
   CRT Controller
logo
UMC Corporation
UM6845E UMC-UM6845E Datasheet
141Kb / 1P
   CRT Controller
UM6845E UMC-UM6845E_1 Datasheet
1Mb / 17P
   CRT CONTROLLER
logo
List of Unclassifed Man...
C6845 ETC2-C6845 Datasheet
265Kb / 6P
   CRT Controller Megafunction
logo
Hitachi Semiconductor
HD6845R HITACHI-HD6845R Datasheet
2Mb / 43P
   CRT CONTROLLER (CRTC)
HD6345 HITACHI-HD6345 Datasheet
1,022Kb / 38P
   CRTC -2 CRT CONTROLLER
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com