Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1845 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 5 Page - Analog Devices

  AD1845_15 Datasheet HTML 1Page - Analog Devices AD1845_15 Datasheet HTML 2Page - Analog Devices AD1845_15 Datasheet HTML 3Page - Analog Devices AD1845_15 Datasheet HTML 4Page - Analog Devices AD1845_15 Datasheet HTML 5Page - Analog Devices AD1845_15 Datasheet HTML 6Page - Analog Devices AD1845_15 Datasheet HTML 7Page - Analog Devices AD1845_15 Datasheet HTML 8Page - Analog Devices AD1845_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
POWER SUPPLY
Min
Typ
Max
Units
Power Supply Range–Digital and Analog
4.75
5.25
V
Power Supply Current
130
mA
Analog Supply Current
45
mA
Digital Supply Current
85
mA
Power Dissipation
(Current
× Nominal Supplies)
650
mW
Power-Down Supply Current
2mA
Reset Supply Current
2mA
Total Power-Down Supply Current
30
mA
Standby Supply Current
36
mA
Mixer Power-Down Supply Current
70
mA
Mixer Only Supply Current
52
mA
ADC Power-Down Supply Current
80
mA
DAC Power-Down Supply Current
85
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)*
(At Both Analog and Digital Supply Pins, both ADCs and DACs)
40
dB
CLOCK SPECIFICATIONS*
Min
Max
Units
Input Clock Frequency
33
MHz
Recommended Clock Duty Cycle
10
90
%
Power Up Initialization Time
512
ms
*Guaranteed, not tested.
Specifications subject to change without notice.
AD1845
REV. C
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
1
AD1845JP
0
°C to +70°C
68-Lead PLCC
P-68A
AD1845JP-REEL
2
0
°C to +70°C
68-Lead PLCC
P-68A
AD1845JST
0
°C to +70°C
100-Lead TQFP
ST-100
NOTES
1P = Plastic Leaded Chip Carrier; ST = Thin Quad Flatpack.
213" Reel, multiples of 250 pcs.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB = TCASE – (PD
× θ
CA)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
PLCC
38
°C/W
8
°C/W
30
°C/W
TQFP
44
°C/W
8
°C/W
93
°C/W
ABSOLUTE MAXIMUM RATINGS*
Min
Max
Units
Power Supplies
Digital (VDD)
–0.3
6.0
V
Analog (VCC)
–0.3
6.0
V
Input Current
(Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.3
VCC +0.3
V
Digital Input Voltage (Signal Pins)
–0.3
VDD +0.3
V
Ambient Temperature (Operating)
0
+70
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1845 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD1845_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845JP AD-AD1845JP Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JP-REEL AD-AD1845JP-REEL Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JST AD-AD1845JST Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results

Similar Description - AD1845_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com