Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2964 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS2964
Description  SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2964 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS2964 Datasheet HTML 2Page - Gennum Corporation GS2964 Datasheet HTML 3Page - Gennum Corporation GS2964 Datasheet HTML 4Page - Gennum Corporation GS2964 Datasheet HTML 5Page - Gennum Corporation GS2964 Datasheet HTML 6Page - Gennum Corporation GS2964 Datasheet HTML 7Page - Gennum Corporation GS2964 Datasheet HTML 8Page - Gennum Corporation GS2964 Datasheet HTML 9Page - Gennum Corporation GS2964 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
6 of 17
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to +3.6V DC
Input ESD Voltage (HBM)
5kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
±5%
Power Consumption
PD
TA = 25°C
215
mW
Supply Current
Is
TA = 25°C
65
mA
Output Common Mode
Voltage
VCMOUT
TA = 25°C
VCC - ΔVSDO/2
V
Input Common Mode Voltage
VCMIN
TA = 25°C
2.2
V
SQ_ADJ DC Voltage (to mute
signal)
–0m, TA = 25°C
3.2
V
SQ_ADJ Range
TA = 25°C
1
V
CD Output Voltage
VCD(OH)
Carrier not
present
2.4
V
VCD(OL)
Carrier present
0.4
V
Mute Input Voltage Required
to Force Outputs to Mute
VMute
Min to Mute
2.0
V
Mute Input Voltage Required
to Force Outputs Active
VMute
Max to
Activate
––
0.8
V


Similar Part No. - GS2964

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
More results

Similar Description - GS2964

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com