Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC7081AIM5-33 Datasheet(PDF) 8 Page - Impala Linear Corporation

Part # ILC7081AIM5-33
Description  50/100M SOT-23 CMOS RF LDO REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7081AIM5-33 Datasheet(HTML) 8 Page - Impala Linear Corporation

Back Button ILC7081AIM5-33 Datasheet HTML 4Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 5Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 6Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 7Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 8Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 9Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 10Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 11Page - Impala Linear Corporation ILC7081AIM5-33 Datasheet HTML 12Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
8
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
The Effects of ESR (Equivalent Series Resistance)
The ESR of a capacitor is a measure of the resistance due
to the leads and the internal connections of the component.
Typically measured in m
Ω (milli-ohms) it can increase to
ohms in some cases.
Wherever there is a combination of resistance and current,
voltages will be present. The control functions of LDOs use
two voltages in order to maintain the output precisely; VOUT
and VREF.
With reference to the block diagram in figure 2, VOUT is fed
back to the error amplifier and is used as the supply volt-
age for the internal components of the 7080/81. So any
change in VOUT will cause the error amplifier to try to com-
pensate to maintain VOUT at the set level and noise on
VOUT will be reflected into the supply of each internal cir-
cuit. The reference voltage, VREF, is influenced by the
CNOISE pin. Noise into this pin will add to the reference volt-
age and be fed through the circuit. These factors will not
cause a problem if some simple steps are taken. Figure 5
shows where these added ESR resistances are present in
the typical LDO circuit.
With this in mind low ESR components will offer better per-
formance as LDOs may be exposed to large transients of
output voltage, and current flows through the capacitors in
order to filter these transient swings. ESR is less of a prob-
lem with CIN as the voltage fluctuations at the input will be
filtered by the LDO.
However, being aware of these current flows, there is also
another potential source of induced voltage noise from the
resistance inherent in the PCB trace. Figure 6 shows where
the additive resistance of the PCB can manifest itself. Again
these resistances may be very small, but a summation of
several currents can develop detectable voltage ripple and
will be amplified by the LDO. Particularly the accumulation
of current flows in the ground plane can develop significant
voltages unless care is taken.
With a degree of care, the ILC7080/81 will yield outstanding
performance.
Printed Circuit Board Layout Guidelines
As was mentioned in the previous section, to take full
advantage of any high performance LDO regulator requires
paying careful attention to grounding and printed circuit
board (PCB) layout.
Figure 7 shows the effects of poor grounding and PCB lay-
out caused by the ESR and PCB resistances and the accu-
mulation of current flows.
Note particularly that during high output load current, the
LDO regulator’s ground pin and the ground return for COUT
and CNOISE are not at the same potential as the system
ground. This is due to high frequency impedance caused by
PCB’s trace inductance and DC resistance. The current
loop between COUT, CNOISE and the LDO regulator’s ground
pin will degrade performance of the LDO.
Figure 8 shows an optimum schematic. In this schematic,
high output surge current has little effect on the ground cur-
rent and noise bypass current return of the LDO regulator.
Note that the key difference here is that COUT and CNOISE
are directly connected to the LDO regulator’s ground pin.
The LDO is then separately connected to the main ground
plane and returned to a single point system ground.
The layout of the LDO and its external components are also
based on some simple rules to minimize EMI and output
voltage ripple.
V
OUT
V
IN
ILC7080
ILC7081
C
OUT
C
NOISE
SOT23-5
ON
OFF
R*
R
C
I
OUT
I
C
4
5
12
3
R*
C
IN
RF LDOTM
Regulator
ILC7080
ILC7081
V
IN
C
OUT
C
NOISE
SOT23-5
ESR
R
PCB
I
2
V
OUT
I
OUT
R
PCB
I
1
R
PCB
R
PCB
4
5
12
3
V
IN
R
PCB
ON
OFF
5
4
3
2
1
Figure 5: ESR in COUT and CNOISE
Figure 6: Inherent PCB resistance
Figure 7: Effects of poor circuit layout


Similar Part No. - ILC7081AIM5-33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7081AIM5 FAIRCHILD-ILC7081AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7081AIM5ADJ FAIRCHILD-ILC7081AIM5ADJ Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
More results

Similar Description - ILC7081AIM5-33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7062 IMPALA-ILC7062 Datasheet
379Kb / 6P
   SOT-23 CMOS LDO
ILC7362 IMPALA-ILC7362 Datasheet
157Kb / 5P
   SOT-23 CMOS NEGATIVE LDO
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
logo
Impala Linear Corporati...
ILC7070 IMPALA-ILC7070 Datasheet
321Kb / 6P
   SOT-23 CMOS LDO REGULATOR WITH SHUTDOWN
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com