Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2984 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS2984
Description  GS2984 Adaptive Cable Equalizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2984 Datasheet(HTML) 1 Page - Gennum Corporation

  GS2984 Datasheet HTML 1Page - Gennum Corporation GS2984 Datasheet HTML 2Page - Gennum Corporation GS2984 Datasheet HTML 3Page - Gennum Corporation GS2984 Datasheet HTML 4Page - Gennum Corporation GS2984 Datasheet HTML 5Page - Gennum Corporation GS2984 Datasheet HTML 6Page - Gennum Corporation GS2984 Datasheet HTML 7Page - Gennum Corporation GS2984 Datasheet HTML 8Page - Gennum Corporation GS2984 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
GS2984 Adaptive Cable Equalizer
Data Sheet
50985 - 3
March 2010
GS2984 Adaptive Cable Equalizer
www.gennum.com
Key Features
• SMPTE 424M, SMPTE 292M and SMPTE 259M
compliant
• Automatic cable equalization
• Multi-standard operation from 143Mb/s to 2.97Gb/s
• Performance optimized for 270Mb/s, 1.485Gb/s and
2.97Gb/s. Typical equalized length of Belden 1694A
cable:
140m at 2.97Gb/s
200m at 1.485Gb/s
400m at 270Mb/s
• Supports DVB-ASI at 270Mb/s
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Programmable carrier detect with squelch threshold
adjustment
• Differential outputs support DC coupling to 3.3V and
2.5V CML logic
• 0/6 dB gain boost selection pin
• Standard EIA/JEDEC logic control and status signal
levels
• Single 3.3V power supply operation
• 195mW power consumption (typical)
• Wide temperature range of -40ºC to +85ºC
• Small footprint QFN package (4mm x 4mm)
Drop-in compatible with the GS2974
• Pb-free and RoHS compliant
Applications
• SMPTE 424M, SMPTE 292M and SMPTE 259M coaxial
cable serial digital interfaces
Description
The GS2984 is a high-speed BiCMOS integrated circuit
designed to equalize and restore signals received over 75Ω
coaxial cable.
The device is designed to support SMPTE 424M,
SMPTE292M and SMPTE 259M, and is optimized for
performance at 270Mb/s, 1.485Gb/s and 2.97Gb/s.
The GS2984 features DC restoration to compensate for the
DC content of SMPTE pathological test patterns.
The Carrier Detect output pin (CD) indicates whether a
valid input signal has been detected. It can be connected
directly to the MUTE pin to mute the output on loss of
carrier. A voltage programmable threshold, which can be
changed via the SQ_ADJ pin, forces CD high when the
input signal amplitude falls below the threshold. This
allows the GS2984 to distinguish between low-amplitude
SDI signals and noise at the input of the device.
The equalizing and DC restore stages are disengaged when
the BYPASS pin is HIGH. No equalization occurs in Bypass
mode.
The GS2984 includes a gain selection pin (GAIN_SEL)
which, when tied HIGH, compensates for 6dB flat
attenuation.
The differential outputs can be DC-coupled to Gennum
3.3V cable drivers and reclockers and to industry-standard
3.3V and 2.5V CML logic using the CMSET pin.
The GS2984 is footprint and drop-in compatible with
existing GS2974 designs, with no additional application
changes required.
The device is available in a 16-pin, 4mm x 4mm QFN
package.
Power consumption of the GS2984 is typically 195mW.
The GS2984 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.


Similar Part No. - GS2984

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
More results

Similar Description - GS2984

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com