Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC4640 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT79RC4640
Description  Low-Cost Embedded 64-bit RISController w/ DSP Capability
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC4640 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT79RC4640 Datasheet HTML 6Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 7Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 8Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 9Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 10Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 11Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 12Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 13Page - Integrated Device Technology IDT79RC4640 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10 of 23
April 10, 2001
IDT79RC4640™
Mode bit
Description
0
Reserved (must be zero)
4s:1
Writeback data rate:
32-bit
0
→ Ω
1
→ WWx
2
→ WWxx
3
→ WxWx
4
→ WWxxx
5
→ WWxxxx
6
→ WxxWxx
7
→ WWxxxxxx
8
→ WxxxWxxx
9-15 reserved
7:5
Clock multiplier:
0
→ 2
1
→ 3
2
→ 4
3
→ 5
4
→ 6
5
→ 7
6
→ 8
7 reserved
80
→ Little endian
1
→ Big endian
10:9
00
→ R4000 compatible
01
→ reserved
10
→ pipelined writes
11
→ write re-issue
11
Disable the timer interrupt on Int[5]
12
Must be 1
14:13
Output driver strength:
10
→ 100% strength (fastest)
11
→ 83% strength
00
→ 67% strength
01
→ 50% strength (slowest)
255:15
Must be zero
Table 6 Boot-time mode stream


Similar Part No. - IDT79RC4640

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC4640 IDT-IDT79RC4640 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - IDT79RC4640

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com