Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8001 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C8001
Description  2C20 7/28 TC PE OAS PVC JKT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C8001 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C8001 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C8001
Revision Level:
09
Date:
January 08, 2013
2C20 7/28 TC PE OAS PVC JKT
78 OHM TWINAXIAL CABLE
A.
CONSTRUCTION A
DIAMETERS
1)
CONDUCTOR:
#20 AWG 7/28 Tinned Copper
0.038” nom.
2)
INSULATION:
0.021” Wall Polyethylene
0.080” nom.
3)
COLOR CODE:
Blue, Natural
4)
CABLE
2 Conductors cabled LHL with poly rod fillers
0.160” nom
5)
SHIELD:
Aluminum/Polypropylene Tape; 100% Shield
With #20 7//28 TC Drain Wire
0.165” nom
6)
BRAID SHIELD:
#36 AWG Tinned Copper
57% Nom Coverage
0.185” nom
7)
JACKET:
0.032” Wall Polyvinyl Chloride - Blue
0.250” +/- 0.012”
8)
PRINT LEGEND:
CAROL (R) – C8001 – 78 OHM TWINAXIAL CABLE – ALLEN BRADLEY
CAT#1770 CD – 2C 20 AWG E60233-F CL2 (UL) OR CM c(UL)us -- AWM 2464
– MADE IN USA
MO/YR
XXXXXXFT
D.
INDUSTRY APPROVALS
National Electric Code
Article 800
UL Standard 444
Type CM(UL)C(UL)
National Electric Code
Article 725
UL Standard 13
Type CL2
UL Subject 758
AWM Style 2464
E.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
-20C To +80C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300V Max
3)
CONDUCTOR D.C. RESISTANCE:
10.30 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
3.10 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
20 pF/ft. @ 1 kHz nom.
6)
GROUND CAPACITANCE:
36 pF/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
78 Ohms @ 1 MHz nom.
8)
Attenuation:
FREQ. (MHz)
dB/100 ft.
1
0.6
10
2.1
20
2.5
50
3.6
100
7.5
200
11.0
400
16.0
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
Rev 7: Update diameters, from .243 to .250, add RoHS & remove 75C from print legend – 05/11/2010 (GT)
Rev. 8: removed AWM 2582 and upgrade drain wire from 22 AWG to 20 AWG – 02/23/12/GT
Rev. 9: revised temp rating & volt to max / 01/08/13/GT


Similar Part No. - C8001

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-30 HAMAMATSU-C8000-30 Datasheet
118Kb / 2P
   High-sensitivity imaging from UV to nearinfrared wavelengths
More results

Similar Description - C8001

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9423A GENERAL-C9423A Datasheet
71Kb / 1P
   9PR 20 AWG 7/28 TC PVC / OAS / PVC
C9120A GENERAL-C9120A Datasheet
71Kb / 1P
   4C 20 AWG 7/28 TC PVC / OAS / PVC
C9121A GENERAL-C9121A Datasheet
71Kb / 1P
   6C 20 AWG 7/28 TC PVC / OAS / PVC
C9122A GENERAL-C9122A Datasheet
71Kb / 1P
   8C 20 AWG 7/28 TC PVC / OAS / PVC
C9123A GENERAL-C9123A Datasheet
71Kb / 1P
   10C 20 AWG 7/28 TC PVC / OAS / PVC
C9118A GENERAL-C9118A Datasheet
70Kb / 1P
   2C 20 AWG 7/28 TC PVC / OAS / PVC
C9119A GENERAL-C9119A Datasheet
71Kb / 1P
   3C 20 AWG 7/28 TC PVC / OAS / PVC
C6506A GENERAL-C6506A Datasheet
74Kb / 1P
   12C 28 7/36 TC PVC OAS PVC COMMUNICATION CABLE
C6503A GENERAL-C6503A Datasheet
73Kb / 1P
   6C 28 7/36 TC PVC OAS PVC COMMUNICATION CABLE
C6507A GENERAL-C6507A Datasheet
74Kb / 1P
   15C 28 7/36 TC PVC OAS PVC COMMUNICATION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com