Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPC4044 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDPC4044
Description  Common Drain N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPC4044 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDPC4044 Datasheet HTML 1Page - Fairchild Semiconductor FDPC4044 Datasheet HTML 2Page - Fairchild Semiconductor FDPC4044 Datasheet HTML 3Page - Fairchild Semiconductor FDPC4044 Datasheet HTML 4Page - Fairchild Semiconductor FDPC4044 Datasheet HTML 5Page - Fairchild Semiconductor FDPC4044 Datasheet HTML 6Page - Fairchild Semiconductor FDPC4044 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
©2013 Fairchild Semiconductor Corporation
FDPC4044 Rev.C2
Figure 13. Junction-to-Ambient Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
2
SINGLE PULSE
RθJA = 127
o
C/W
(Note 1b)
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDPC4044

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC5018SG FAIRCHILD-FDPC5018SG Datasheet
341Kb / 12P
   PowerTrench® Power Clip 30V Asymmetric Dual N-Channel MOSFET
Rev.1.1 September 2015
logo
ON Semiconductor
FDPC5030SG ONSEMI-FDPC5030SG Datasheet
485Kb / 13P
   MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V
May, 2021 - Rev. 6
logo
Fairchild Semiconductor
FDPC8011S FAIRCHILD-FDPC8011S Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
   PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
FDPC8013S FAIRCHILD-FDPC8013S Datasheet
509Kb / 12P
   PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
More results

Similar Description - FDPC4044

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507N FAIRCHILD-FDW2507N Datasheet
129Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507NZ FAIRCHILD-FDW2507NZ Datasheet
130Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2515NZ FAIRCHILD-FDW2515NZ Datasheet
119Kb / 6P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW9926NZ FAIRCHILD-FDW9926NZ Datasheet
120Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com