Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLI-343P8G Datasheet(PDF) 3 Page - Rohm

Part # SLI-343P8G
Description  High brightness
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLI-343P8G Datasheet(HTML) 3 Page - Rohm

  SLI-343P8G Datasheet HTML 1Page - Rohm SLI-343P8G Datasheet HTML 2Page - Rohm SLI-343P8G Datasheet HTML 3Page - Rohm SLI-343P8G Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLI-343
8 Series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular
type
40˚
Transparent Colored
SLI-343U8RC
SLI-343V8RC
Diffused Colored
SLI-343U8R
SLI-343V8R
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular
type
40˚
Transparent Colored
SLI-343M8C
SLI-343P8C
Diffused Colored
SLI-343M8G
SLI-343P8G
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent Colored
SLI-343D8C
Diffused Colored
SLI-343D8U
Viewing
angle
(2
ɵ1/2)
High Brightness Rank
XA
XB
XC
XD
XE
XF
XG
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
10 to
15
15 to
22
22 to
33
33 to
47
47 to
68
68 to
100
100 to
150
150 to
220
220 to
330
330 to
470
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent Colored
SLI-343Y8C
Diffused Colored
SLI-343Y8Y
Orange (D)
Yellow (Y)
Green (M, P)
Part No. Construction
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Similar Part No. - SLI-343P8G

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343P8G ROHM-SLI-343P8G Datasheet
185Kb / 5P
   3.1(T-1) Circular Type Standard Type
SLI-343P8G ROHM-SLI-343P8G Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
More results

Similar Description - SLI-343P8G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com