Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC6377 Datasheet(PDF) 6 Page - Impala Linear Corporation

Part # ILC6377
Description  0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6377 Datasheet(HTML) 6 Page - Impala Linear Corporation

Back Button ILC6377 Datasheet HTML 2Page - Impala Linear Corporation ILC6377 Datasheet HTML 3Page - Impala Linear Corporation ILC6377 Datasheet HTML 4Page - Impala Linear Corporation ILC6377 Datasheet HTML 5Page - Impala Linear Corporation ILC6377 Datasheet HTML 6Page - Impala Linear Corporation ILC6377 Datasheet HTML 7Page - Impala Linear Corporation ILC6377 Datasheet HTML 8Page - Impala Linear Corporation ILC6377 Datasheet HTML 9Page - Impala Linear Corporation ILC6377 Datasheet HTML 10Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
Impala Linear Corporation
6
(408) 574-3939
www.impalalinear.com
June 1999
ILC6377 1.3
The EXT1 and EXT2 pins are provided so as to drive
external transistors; thus allowing design flexibility.
The EXT output drive signal has the same timing as
the gate drive to the internal P-channel MOSFET i.e.
EXT output is low as long as the internal MOSFET is
on. Both EXT1 and EXT2 pins are capable of driving
1000pF gate capacitance. For example, a high out-
put current application circuit using an external P-
channel MOSFET is shown in figure 2.
VOUT
ILC6377
(TOP VIE W)
3
45
1
2
6
7
8
+
CL
+
VIN
S/D
CSS
SD1
L
*C
IN
EXT1
Fig.2 1Amp output current application
using external MOSFET
Figure 3. P-Channel Negative
CBST
Voltage between Vin and
ILC6377
(TOP VI EW)
3
4
5
1
2
6
7
8
SD1
2200pF
MA729
Schottky
P-Channel Boost Circuit
The ILC6377 includes a unique P-Channel MOSFET
architecture with built-in charge pump to maintain low
on-resistance even at low input voltages. As shown in
figure 3, a 2200pF ceramic capacitor and a schottky
diode ( MA729 or equivalent ) allows the gate voltage
of the internal P-Channel MOSFET to be driven neg-
ative; thus reducing the switch on-resistance. This
technique can be employed to increase efficiency at
low input voltages and high output currents.
Note that the voltage between VIN and P_BST should not
exceed 10V, otherwise damage to the device may occur.
For high input voltage applications the schottky diode
should be replaced by a low voltage zener diode so that the
P_BST pin is clamped to a safe negative voltage.
VOUT
5
6
CFB
RFB1
RFB2
R
FB 1 + RFB2 ≤ 2MΩ
C
FB chosen s o that 1kHz
1
2
π
×
CF B
×
RFB1
×
-----------------------------------------------------
20kHz
<<
To pin 8
Fig.4 Adjustable output using ILC6377SO-Adj
( Note : rest of circuit is same as Fig.1 )
Adjustable Output ( ILC6377SO-Adj )
For adjustable output voltage ILC6377SO-Adj should be
used. All connections to the ILC6377SO-Adj are the same
as ILC6377SO-XX, except for the feedback voltage divider
network shown in figure 4. The output voltage, VOUT, can be
calculated from the following equation:
VOUT = VFB ( 1 + RFB1/RFB2 ),
where VFB is approximately 1V and
RFB1 + RFB2 < 2M
The feedback compensation capacitor should be chosen
such that the pole frequency f is between 1kHz and 20kHz:
The pole frequency should generally be set at 5kHz. The
value of CFB calculated from the above equation may
require some adjustment depending on the output inductor
( L ) and output capacitor ( CL ) values chosen.
Example for 3V output :
RFB1 = 400k
RFB2 = 200k
CFB = 100pF
PC Board Layout
As with all switching DC-DC converter designs, good PC
board layout is critical for optimum performance. The heavy
lines indicated in figure 1 schematic should be wide
printed circuit board traces and should be kept as short
as is practical. A large ground plane with as much copper
area as is allowable should be used. All external compo-
nents should be mounted as close to the IC as possible. For
ILC6377SO-Adj, the feedback resistors and their associat-
ed wiring should be kept away from the inductor location
and the vicinity of inductive flux.
1
2 x
Π X CFB X RFB1
1kHz<
<20kHz
Fig. 2: 1Amp output current application using external MOSFET
Fig. 3: P-Channel Negative
Fig. 4: Adjustable output using ILC6377SO-Adj
(Note: rest of circuit is same as figure 1)
Voltage between VIN and P_BST
must be less than 10V.


Similar Part No. - ILC6377

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC6377 FAIRCHILD-ILC6377 Datasheet
114Kb / 12P
   0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
ILC6377SO33 FAIRCHILD-ILC6377SO33 Datasheet
114Kb / 12P
   0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
ILC6377SO50 FAIRCHILD-ILC6377SO50 Datasheet
114Kb / 12P
   0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
ILC6377SOADJ FAIRCHILD-ILC6377SOADJ Datasheet
114Kb / 12P
   0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
More results

Similar Description - ILC6377

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC6376 FAIRCHILD-ILC6376 Datasheet
114Kb / 12P
   0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
   300KHz PFM Control Step-Up DC/DC Converter
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com