Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF62F012-1HTF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF62F012-1HTF
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF62F012-1HTF Datasheet(HTML) 1 Page - Hongfa Technology

  HF62F012-1HTF Datasheet HTML 1Page - Hongfa Technology HF62F012-1HTF Datasheet HTML 2Page - Hongfa Technology HF62F012-1HTF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cjjlir4 ;:6gX
2EBOPMEN
Hcf_ Oi4@G799:>7
Hcf_ Oi4@S;67:=6><
Eihn[]n l[ncha
/S_m4 fi[^0
Cg\c_hn n_gj_l[nol_
JPOIHC SGMCZ
Fc_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
Eicf jiq_l
Hcf_ Oi4@ERE6?66868>:=6
7<C 8;6WCE
7<C 96WFE
86C 78;WCE
7<C 8;6WCE EPTw B7
7<C 96WFE EPTw B7
KTP?6672 KTP5UT7<?:? 2 KTP7:6672 PJTCT7>6672 KGER RE 6>6666 EGSUKHKGF
867: S_p4 7467
=S?
7?;
8KOEN, 70 Cff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Pnb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
8KOEN,
V 86C mqcn]bcha ][j[\cfcns
V ;eW ^c_f_]nlc] mnl_hanb
/\_nq__h ]icf [h^ ]ihn[]nm0
V 76eW cgjofm_ qcnbmn[h^ pifn[a_
/\_nq__h ]icf [h^ ]ihn[]nm0
V ]l__j[a_ ^cmn[h]_@ >gg
V QED . RE f[sionm [p[cf[\f_
V VM chmof[ncih msmn_g@ Ef[mm H [p[cf[\f_
V Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
V Ponfch_ Fcg_hmcihm@ /8?46 r 784< r 8:480 gg
42+*2
7C
;6g g[r4/[n 7C <WFE0
CaThP8
7<C 8;6WCE
7<C 96WFE
8==WCE 5 96WFE
86C
:666WCE 5 :>6X
7r76=PQT
E[hn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
N[r4 mqcn]bcha pifn[a_
N[r4 mqcn]bcha ]oll_hn
N[r4 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
Pj_l[n_ ncg_ /[n higc4 pifn40
S_f_[m_ ncg_ /[n higc4 pifn40
Jogc^cns
Ef[mm D
Ef[mm H
Hoh]ncih[f
F_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
7666N /[n ;66WFE0
;666WCE 7gch
7666WCE 7gch
86gm g[r4
76gm g[r4
;- ni >;- SJ
3:6 ni =6
3:6 ni >;
?>g5m8
?>6g5m8
76Jt ni ;;Jt 74;gg FC
U nsj_@ QED
F nsj_2 Tn[h^[l^@ QED . RE
Cjjlir47;a
Hfor jlii`_^
;
<
?
78
7>
8:
:>
:=r/7 76-0
<>r/7 76-0
7;;r/7 76-0
8=6r/7 76-0
<86r/7 76-0
7766r/7 76-0
::66 r /7 76-0
:46
:4>
=48
?4<
7:4:
7?48
9>4:
64;
64<
64?
748
74>
84:
:4>
<4;6
=4>6
774=
7;4<
894:
9748
<84:
7585-=>;1 4534 :9@1; ;16-A
/98=-/= 0-=-
/4-;-/=1;5<=5/<
/956
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e3oj
Wifn[a_
WFE
g[r4
Flij3ion
Wifn[a_
WFE
gch4
N[r4
Wifn[a_
WFE 1
/956 0-=-
<-21=A -::;9?-6 ;-=583<
>6}/>6
[n 89
7r76;PQT /7<C 8;6WCE2
S_mcmncp_ fi[^2 Siig n_gj42 9m ih 9m i``0
Gf_]nlc][f _h^ol[h]_
1N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b
l_f[s ]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4
8KOEN, 70 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
80 Qf_[m_ `ch^ ]icf n_gj_l[nol_ ]olp_ ch nb_ ]b[l[]n_lcmnc] ]olp_m \_fiq4
90 VM chmof[ncih msmn_g@ Ef[mm H
2 Ef[mm D4


Similar Part No. - HF62F012-1HTF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF62F HONGFA-HF62F Datasheet
66Kb / 3P
   MINIATURE HIGH POWER RELAY
HF62F HONGFA-HF62F Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF62F/005-1HDFXXX HONGFA-HF62F/005-1HDFXXX Datasheet
66Kb / 3P
   MINIATURE HIGH POWER RELAY
HF62F/005-1HDXXX HONGFA-HF62F/005-1HDXXX Datasheet
66Kb / 3P
   MINIATURE HIGH POWER RELAY
HF62F/005-1HFXXX HONGFA-HF62F/005-1HFXXX Datasheet
66Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF62F012-1HTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com