Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF13FA012-2Z51D Datasheet(PDF) 4 Page - Hongfa Technology

Part # HF13FA012-2Z51D
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF13FA012-2Z51D Datasheet(HTML) 4 Page - Hongfa Technology

  HF13FA012-2Z51D Datasheet HTML 1Page - Hongfa Technology HF13FA012-2Z51D Datasheet HTML 2Page - Hongfa Technology HF13FA012-2Z51D Datasheet HTML 3Page - Hongfa Technology HF13FA012-2Z51D Datasheet HTML 4Page - Hongfa Technology HF13FA012-2Z51D Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
;7
e
e
Heha Ok5A G9<::>7
6KGXYVKW
Feaha_pne_ Tpnajcpd
iej5
QED paniej]h3
QED ikqjpejc
T_nas paniej]h3
FKO n]eh kn T_nas ikqjpejc3
Xepdkqp bejcan lnkpa_pekj
`are_a
T_nas paniej]h3
FKO n]eh kn T_nas ikqjpejc3
Xepd bejcan lnkpa_pekj `are_a
8@
94y;5<
8@
94y;5<
>
9?5<
:7
?
=
94 y;5<t=
:5;
;
<
:
>
?
=
<
9
;
:
8
>
9?5<
=
94 y;5<t=
;
<
:
:5;
:7
:9
?
>
?
=
<
9
;
:
8
?4y95<
8<5;
87
8:H49[4C9
8:H49[4E8
8:H49[4E9
9777WCE
9777WCE
9777WCE
9<7WCE
9<7WCE
9<7WCE
87C
87C
87C
4;7
pk >7
4;7
pk >7
4;7
pk >7
857Oii
857Oii
>ii
>ii
8:H49[4C9
8:H49[4E8
iap]hhe_ nap]ejan
8?HH4J8
iap]hhe_ nap]ejan
8?HH4J9
_^a qoa` ejoapo`
?KQG\ @TIPKXW
d Uda `eaha_pne_ opnajcpd _]j na]_d 9777WCE
]j` pda ejoqh]pekj naoeop]j_a eo 8777 N
d Udnaa ikqjpejc pulao ]na ]r]eh]^haA QED ikqjpejc3
o_nas ikqjpejc ]j` FKO n]eh ikqjpejc5
d Xepd bejcan lnkpa_pekj `are_a
d Ekilkjajpo ]r]eh]^haA iap]hhe_ nap]ejan
d Gjrenkjiajp]h bneaj`hu lnk`q_p /SkJT _kilhe]jp0
Uula
T_nas Uknmqa Xena Tpnel Majcpd
381?13A5?9@A93@
Okiej]h
Wkhp]ca
Ci^eajp Uailan]pqna
Okiej]h
Eqnnajp
Tk_gap
QED M]ukqp
Xenejc
Fe]cn]i
Pqpheja Feiajoekjo
Ekilkjajpo
Cr]eh]^ha
=BA:9<5 49;5<@9=<@* D9?9<7 4917?1; 1<4 >3 2=1?4 :1E=BA
VjepA ii
/Ukl Weas0
8:H49[4E9
/Ukl Weas0
/Ukl Weas0
/Ukl Weas0
iap]hhe_ nap]ejan
8?HH4J9
_^a qoa` ejoapo`
8>5<
8;59
=
985<
87
95?
/Ukl Weas0


Similar Part No. - HF13FA012-2Z51D

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF13F HONGFA-HF13F Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF13F HONGFA-HF13F Datasheet
139Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
HF13F/012-1Z1DXXX HONGFA-HF13F/012-1Z1DXXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF13F/012-1Z1XXX HONGFA-HF13F/012-1Z1XXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
HF13F/012-1Z2DXXX HONGFA-HF13F/012-1Z2DXXX Datasheet
75Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF13FA012-2Z51D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com