Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41F Datasheet(PDF) 1 Page - Hongfa Technology

Part # 41F
Description  RELAY SOCKETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

41F Datasheet(HTML) 1 Page - Hongfa Technology

  41F Datasheet HTML 1Page - Hongfa Technology 41F Datasheet HTML 2Page - Hongfa Technology 41F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
75
Fbe^ Mh3? E7:88<5
Fbe^ Mh3? 95575598
3IEVWTIU
HNMGFA QEKAX
IRN>5561 IRN4SR6;>9> 1 IRN695561 NHRAR6=5561 IECP PC 5=5555 CEQSIFIED
7569 Q^o3 6355
OheZkbmr h_
Iginm UhemZ`^
}D-6 Fhkf C
.~- OCB m^kfbgZe1 OCB fhngmbg`
+}3 >RGNIVU
=28.C >;072?>
\ Sa^ ]b^e^\mkb\ lmk^g`ma \Zg k^Z\a 9555UAC
Zg] ma^ bglneZmbhg k^lblmZg\^ bl 6555L
\ Vbma _bg`^k ikhm^\mbhg ]^ob\^
\ Eglnk^ l^\nk^ k^gmbhg Zg] ^Zlr ^c^\mbhg h_ k^eZrl
\ Bnbem2bg ikhm^\mbhg \bk\nbm \Zg bg]b\Zm^ ma^ ihp^k
lmZmnl1 ikhm^\m ma^ \bk\nbm Zg] ^qiZg] ma^ kZg`^
h_ k^eZr bginm ohemZ`^
\ Chfihg^gml ZoZbeZ[e^? fZkd^k1 cnfi^k Zg] l^iZkZmhk
\ Aiieb\Z[e^ k^eZr mri^l? HF96F
\ Egobkhgf^gmZe _kb^g]er ikh]n\m -QhHR \hfiebZgm.
05.=.0?2=6>?60>
96F
|C7
|6Y
|64748494:
Sri^
R\k^p
Shkjn^
Vbk^ Rmkbi
K^g`ma
MhfbgZe
UhemZ`^
Af[b^gm
S^fi^kZmnk^
MhfbgZe
Cnkk^gm
Q^eZr,l Aiieb\Z[e^
QZm^] UhemZ`^
Iginm UhemZ`^
96F26Y2C726
96F26Y2C727
96F26Y2C728
96F26Y2C729
96F26Y2C72:
7:5UAC
7:5UAC
7:5UAC
7:5UAC
7:5UAC
;A
;A
;A
;A
;A
295
mh <5
295
mh <5
295
mh ::
295
mh ::
295
mh <5
53:Mcf
53:Mcf
53:Mcf
53:Mcf
53:Mcf
<ff
<ff
<ff
<ff
<ff
-67 mh 79.U AC4DC
-9=mh ;5.U AC4DC
-665 mh 67:.U AC4DC
-775 mh 795.U AC4DC
-; mh 79.U DC
-67 mh 79.U DC
-9=mh ;5.U DC
;5U DC
;5U DC
-; mh 79.U DC
96F26Y2C926
96F26Y2C927
96F26Y2C928
96F26Y2C929
96F26Y2C92:
96F26Y2A726
96F26Y2A727
7:5UAC
7:5UAC
7:5UAC
7:5UAC
7:5UAC
7:5UAC
7:5UAC
;A
;A
;A
;A
;A
;A
;A
295
mh <5
295
mh <5
295
mh ::
295
mh ::
295
mh <5
295
mh <5
295
mh <5
-67 mh 79.U AC4DC
-9=mh ;5.U AC4DC
-665 mh 67:.U AC4DC
-775 mh 795.U AC4DC
-; mh 79.U DC
-; mh 79.U DC
-9=mh ;5.U DC
-67 mh 79.U DC
-9=mh ;5.U DC
;5U DC
;5U DC
-; mh 79.U DC
-; mh 79.U DC
-9=mh ;5.U DC
222
222
222
222
222
222
222
<ff
<ff
<ff
<ff
<ff
222
222
ff7
AVG
6 q73: 4 6 q63:
6 q73: 4 6 q63:
6 q73: 4 6 q63:
6 q73: 4 6 q63:
6 q73: 4 6 q63:
6 q 73:
6 q 73:
6 q 73:
6 q 73:
6 q 73:
222
222
6 q69 4 6 q6;
6 q69 4 6 q6;
6 q69 4 6 q6;
6 q69 4 6 q6;
6 q69 4 6 q6;
6q69
6q69
6q69
6q69
6q69
222
222
Mh k^jnbk^f^gm
Mh k^jnbk^f^gm
Mh k^jnbk^f^gm
Mh k^jnbk^f^gm
Q^jnbk^f^gm
Mh k^jnbk^f^gm
Mh k^jnbk^f^gm
Mh k^jnbk^f^gm
Mh k^jnbk^f^gm
Q^jnbk^f^gm
Q^jnbk^f^gm
Q^jnbk^f^gm
LZq pbk^ lbs^
;=12=6:4 6:43;=9.?6;:
0RQVEGV ETTEQKIPIQV
?YSI
?ITPMQEVMRQx
PRWQVMQK
0~- R\k^p m^kfbgZe1 DIM kZbe fhngmbg`1 Vbma _bg`^k ikhm^\mbhg ]^ob\^
0+- Rikbg`2ehZ]^] m^kfbgZe1 DIM kZbe fhngmbg`1 Vbma _bg`^k ikhm^\mbhg ]^ob\^
AROVEKI RJ PRHWOI
}{ ~{ *{ +{ ,- R^^ mZ[e^ Z[ho^ _hk \hkk^lihg]bg` bg_hkfZmbhg pbma k^eZr,l \hbe ohemZ`^
A
12
:RVI- Va^g ma^ 96F26Y2C74C926 lh\d^m bl Ziieb^] mh ma^ k^eZr h_ 67UDC ghfbgZe ohemZ`^1ma^ k^eZr h_ pab\a ib\d2ni ohemZ`^ @<5+ ghfbgZe ohemZ`^
lahne] [^ k^jnbk^] Zg] ma^ li^\bZe hk]^k h_ k^eZr Zeehp^]3 96F26Y2C74C929 bl ghm Zeehp^] bg \hgmbgnhnl ^e^\mkb\bmr \hg]bmbhgl3


Similar Part No. - 41F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
41F-1Z-C2 HONGFA-41F-1Z-C2 Datasheet
54Kb / 2P
   RELAY SOCKET
41F-1Z-C2-1 HONGFA-41F-1Z-C2-1 Datasheet
54Kb / 2P
   RELAY SOCKET
41F-1Z-C2-2 HONGFA-41F-1Z-C2-2 Datasheet
54Kb / 2P
   RELAY SOCKET
41F-1Z-C2-3 HONGFA-41F-1Z-C2-3 Datasheet
54Kb / 2P
   RELAY SOCKET
41F-1Z-C2-4 HONGFA-41F-1Z-C2-4 Datasheet
54Kb / 2P
   RELAY SOCKET
More results

Similar Description - 41F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
49F HONGFA-49F_15 Datasheet
48Kb / 1P
   RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
    RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
   RELAY SOCKETS
13F HONGFA-13F Datasheet
102Kb / 2P
   RELAY SOCKETS
118F HONGFA-118F Datasheet
56Kb / 2P
   RELAY SOCKETS
118FSOCKETS HONGFA-118FSOCKETS Datasheet
56Kb / 2P
   RELAY SOCKETS
18FFSOCKETS HONGFA-18FFSOCKETS Datasheet
366Kb / 7P
   RELAY SOCKETS
logo
Littelfuse
99025 LITTELFUSE-99025 Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
logo
Hongfa Technology
14FF HONGFA-14FF Datasheet
140Kb / 5P
   RELAY SOCKETS
14FFSOCKETS HONGFA-14FFSOCKETS Datasheet
140Kb / 5P
   RELAY SOCKETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com