Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBCLF-5 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SBCLF-5
Description  Type SBC (Square Ceramic) Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SBCLF-5 Datasheet(HTML) 3 Page - Tyco Electronics

  SBCLF-5 Datasheet HTML 1Page - Tyco Electronics SBCLF-5 Datasheet HTML 2Page - Tyco Electronics SBCLF-5 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Accessories
This device is used with models SBCV.
Order LC1 Support.
N.B. All resistors are supplied with arklone proof seal
These can be used with SBCH/SBCV models.
Order BCV Support Pillar.
SBCH
6
1K0
J
Common Part
See Relevant Table
Size
0.2 Ohm
(200 milli Ohms) R20
1 Ohm
(1000 milli Ohms) 1R0
1K Ohm
(1000 Ohms) 1K0
Resistance Value
Tolerance
SBCH - Axial
SBCV - Vertical
SBCLF - Vertical Fusible
SBCHE - Axial / Vertical
One Long Lead
J - ±5%
K - ±10%
How to Order
Model
Power Ohmic Values
Dimensions
Max
Min
Max
A
B
L
SBCV-6
7 W
R47
22K
9
10
25
SBCV-8
9 W
1R0
8K2
9
10
38
SBCV-11 11 W
1R0
22K
9
10
50
SBCV-15 17 W
1R0
22K
9
10
75
Lead drawn through hole in ceramic
Type SBCV - (Vertical Mount Style)
High Power Resistor
Type SBC (Square Ceramic) Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - SBCLF-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBCLF-5 MACOM-SBCLF-5 Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBCLF-5 TEC-SBCLF-5 Datasheet
199Kb / 3P
   High Power Resistor
More results

Similar Description - SBCLF-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBCHE1147RJ MACOM-SBCHE1147RJ Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
   Square Type
LN250RPH PANASONIC-LN250RPH Datasheet
31Kb / 1P
   Square Type
LN275RPX PANASONIC-LN275RPX Datasheet
31Kb / 1P
   Square Type
LN252RPX PANASONIC-LN252RPX Datasheet
32Kb / 1P
   Square Type
LN281RPX PANASONIC-LN281RPX Datasheet
31Kb / 1P
   Square Type
LN260RCPX PANASONIC-LN260RCPX Datasheet
31Kb / 1P
   Square Type
LN260RPX PANASONIC-LN260RPX Datasheet
31Kb / 1P
   Square Type
LN265RPH PANASONIC-LN265RPH Datasheet
32Kb / 1P
   Square Type
LN273RPH PANASONIC-LN273RPH Datasheet
30Kb / 1P
   Square Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com