Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD12EAB1 Datasheet(PDF) 8 Page - NEC

Part # RD12EAB1
Description  400 mW DHD ZENER DIODE DO-34
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD12EAB1 Datasheet(HTML) 8 Page - NEC

  RD12EAB1 Datasheet HTML 1Page - NEC RD12EAB1 Datasheet HTML 2Page - NEC RD12EAB1 Datasheet HTML 3Page - NEC RD12EAB1 Datasheet HTML 4Page - NEC RD12EAB1 Datasheet HTML 5Page - NEC RD12EAB1 Datasheet HTML 6Page - NEC RD12EAB1 Datasheet HTML 7Page - NEC RD12EAB1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2
RD2.0ES to RD39ES
[MEMO]
• The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
• No part of this document may be copied or reproduced in any form or by any means without the prior written
consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in
this document.
• NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual
property rights of third parties by or arising from use of a device described herein or any other liability arising
from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights
or other intellectual property rights of NEC Corporation or others.
• Descriptions of circuits, software, and other related information in this document are provided for illustrative
purposes in semiconductor product operation and application examples. The incorporation of these circuits,
software, and information in the design of the customer's equipment shall be done under the full responsibility
of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third
parties arising from the use of these circuits, software, and information.
• While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices,
the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or
property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety
measures in its design, such as redundancy, fire-containment, and anti-failure features.
• NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a
customer designated “quality assurance program“ for a specific application. The recommended applications of
a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device
before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
Specific:
Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade,
they should contact an NEC sales representative in advance.
M7 98.8


Similar Part No. - RD12EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD12E NEC-RD12E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD12E EIC-RD12E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD12E NJSEMI-RD12E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD12EB NEC-RD12EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD12EB SEMTECH_ELEC-RD12EB Datasheet
477Kb / 8P
   ZENER DIODES
More results

Similar Description - RD12EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com