Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBC-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SBC-4
Description  Type SBC (Square Ceramic) Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SBC-4 Datasheet(HTML) 1 Page - Tyco Electronics

  SBC-4 Datasheet HTML 1Page - Tyco Electronics SBC-4 Datasheet HTML 2Page - Tyco Electronics SBC-4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristics - Electrical
Resistance Values:
Series E24 5% E12 10% (see tables for value
limits per style)
Resistance Tolerance:
±5% ±10%
Maximum Continuous Voltage:
√P x R
Load Life:
ΔR <±3% 1000 hours at 70°C
Power Rating:
See Surface Temperature Curve (below)
Characteristics - Environmental and Mechanical
Temperature Coefficient of Resistance:
200ppm/°C (400ppm/°C below 18R)
Resistance to Solder Heat:
ΔR < 0.2% (350°C for 2.5 seconds)
Voltage Coefficient of Resistance:
Negligible
Operating Temperature Range:
-55°C to +350°C
Load Stability:
ΔR < 5% (full load at 70°C for 1000 hours)
Long Term Damp Heat:
ΔR < 0.2% (21 days at 40°C for 93% humidity)
Shelf Life:
ΔR < 1.0% (per 12 months)
Insulation Resistance:
> 10000M
Dielectric Strength:
2000V RMS
Lead Material:
Steel - Solder coat
Marking:
Legend mark, Manufacturer name, type, ohmic value
and tolerance.
Surface Temperature Rise Curve
Derating Curve
250
200
150
100
50
0
125
100
80
60
40
20
0
02
4
6
8
10
12
14
16
18
Power in Watts
25
75
125
175
225
275
325
375
Ambient Temperature
NB - SBC Series will
run 15°C hotter than
described here
High Power Resistor
Type SBC (Square Ceramic) Series
1773278 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
I Up to 17 Watts
I Fusible Styles
I Vertical or Axial
I Non Flammable
I Special Solvent
Resistance
I Customer Specials
Invited
I Widely Available from
Distribution
This range of Power Wirewound Resistors are wound on continuous glass fibre elements
or have a ceramic core depending on resistance value. The element is housed in a
ceramic case and sealed with an inorganic silica filler. Their construction gives a resistor
with high insulation resistance and low surface temperature, capable of withstanding high
overload currents. These resistors are ideally suited to a variety of applications within
industrial and commercial environments, where performance and reliability are of prime
importance. Applications include fan force ovens, cooker hoods, power supplies and triac
based speed controls. Custom Design Variants in value and style are welcomed.


Similar Part No. - SBC-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBC-4 MACOM-SBC-4 Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBC-4 TEC-SBC-4 Datasheet
199Kb / 3P
   High Power Resistor
More results

Similar Description - SBC-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBCHE1147RJ MACOM-SBCHE1147RJ Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
   Square Type
LN250RPH PANASONIC-LN250RPH Datasheet
31Kb / 1P
   Square Type
LN275RPX PANASONIC-LN275RPX Datasheet
31Kb / 1P
   Square Type
LN252RPX PANASONIC-LN252RPX Datasheet
32Kb / 1P
   Square Type
LN281RPX PANASONIC-LN281RPX Datasheet
31Kb / 1P
   Square Type
LN260RCPX PANASONIC-LN260RCPX Datasheet
31Kb / 1P
   Square Type
LN260RPX PANASONIC-LN260RPX Datasheet
31Kb / 1P
   Square Type
LN265RPH PANASONIC-LN265RPH Datasheet
32Kb / 1P
   Square Type
LN273RPH PANASONIC-LN273RPH Datasheet
30Kb / 1P
   Square Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com