Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD835 Datasheet(PDF) 4 Page - Analog Devices

Part # AD835
Description  250 MHz, Voltage Output, 4-Quadrant Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835 Datasheet(HTML) 4 Page - Analog Devices

  AD835_15 Datasheet HTML 1Page - Analog Devices AD835_15 Datasheet HTML 2Page - Analog Devices AD835_15 Datasheet HTML 3Page - Analog Devices AD835_15 Datasheet HTML 4Page - Analog Devices AD835_15 Datasheet HTML 5Page - Analog Devices AD835_15 Datasheet HTML 6Page - Analog Devices AD835_15 Datasheet HTML 7Page - Analog Devices AD835_15 Datasheet HTML 8Page - Analog Devices AD835_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD835
Rev. D | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Voltage Swing
±2.2
±2.5
V
vs. Temperature
TMIN to TMAX2
±2.0
V
Voltage Noise Spectral Density
X = Y = 0 V, f < 10 MHz
50
nV/√Hz
Offset Voltage
±25
±751
mV
vs. Temperature3
TMIN to TMAX2
±10
mV
Short-Circuit Current
75
mA
Scale Factor Error
±5
±81
% FS
vs. Temperature
TMIN to TMAX2
±9
% FS
Linearity (Relative Error)4
±0.5
±1.01
% FS
vs. Temperature
TMIN to TMAX2
±1.25
% FS
POWER SUPPLIES
Supply Voltage
For Specified Performance
±4.5
±5
±5.5
V
Quiescent Supply Current
16
251
mA
vs. Temperature
TMIN to TMAX2
26
mA
PSRR at Output vs. VP
+4.5 V to +5.5 V
0.51
%/V
PSRR at Output vs. VN
−4.5 V to −5.5 V
0.5
%/V
1 All minimum and maximum specifications are guaranteed. These specifications are tested on all production units at final electrical test.
2 TMIN = −40°C, TMAX = 85°C.
3 Normalized to zero at 25°C.
4 Linearity is defined as residual error after compensating for input offset, output voltage offset, and scale factor errors.


Similar Part No. - AD835_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350-EVAL AD-AD8350-EVAL Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350AR15 AD-AD8350AR15 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
More results

Similar Description - AD835_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835 Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com