Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11920 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LB11920
Description  Three-Phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11920 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LB11920 Datasheet HTML 2Page - ON Semiconductor LB11920 Datasheet HTML 3Page - ON Semiconductor LB11920 Datasheet HTML 4Page - ON Semiconductor LB11920 Datasheet HTML 5Page - ON Semiconductor LB11920 Datasheet HTML 6Page - ON Semiconductor LB11920 Datasheet HTML 7Page - ON Semiconductor LB11920 Datasheet HTML 8Page - ON Semiconductor LB11920 Datasheet HTML 9Page - ON Semiconductor LB11920 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LB11920
No.7229-6/10
Pin Functions
Pin No.
Pin name
Function
Equivalent circuit
28
1
2
OUT1
OUT2
OUT3
Motor drive output pin.
3, 26
GND2
Output GND pin.
5, 25
VM
Power pin.
6, 24
RF
Output Tr power and output current detector pins,
which connect low resistance (Rf) to VM.
The output current is limited to the current value
set with IOUT = VRF/Rf.
300
Ω
RF
VM
5 25
6 24
1
2 28
3 26
7
HP
Hall element signal three-phase composite
output. Withstand voltage 35V max.
VCC
7
8
BR
Brake input pin.
“L” for brake and “H” or open for normal rotation.
VCC
3.5k
Ω
8
9
PWMIN
PWM pulse input pin.
L for output drive and H or open for output OFF.
VCC
3.5k
Ω
9
10
F/R
Forward/reverse input pin.
VCC
3.5k
Ω
10
Continued on next page.


Similar Part No. - LB11920

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB11920 SANYO-LB11920 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
More results

Similar Description - LB11920

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com