Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

73412-0112 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 73412-0112
Description  50 Ohms, Microcoaxial RF, PCB Vertical Jack Receptacle, SMT, 1.25mm Mounted
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

73412-0112 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/29/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73412-0112
Status:
Active
Overview:
Microcoaxial RF Connectors
Description:
50 Ohms, Microcoaxial RF, PCB Vertical Jack Receptacle, SMT, 1.25mm Mounted
Height, 10 Piece Per Bag / Tape
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73412
Comments
Low Profile SMT, 10 Piece Per Bag/Tape
Overview
Microcoaxial RF Connectors
Product Name
Microcoaxial
Style
PCB
UPC
800756722566
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
0.016/g
Orientation
Straight
PCB Mounting
Surface Mount
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73412-011
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73412Series
This document was generated on 01/29/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn