Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT810BTQB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT810BTQB
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT810BTQB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT810BTQB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT810BTQB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT810BTQB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT810BTQB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT810BTQB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT810BTQB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IDT54/74FCT810BT/CT
FAST CMOS BUFFER/CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9.4
5
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: f
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
Package 1 and Package 2 are same device type and speed grade
3103 drw 10
3103 drw 09
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
SWITCH
CLOSED
SWITCH
OPEN
VOL
VOH
0.3V
0.3V
t PLZ
t PZL
t PZH
t PHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
tPD1a
PACKAGE 1 OUTPUT
PACKAGE 2 OUTPUT
tSK2(o)
tPD2a
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
INPUT
tPD1b
tPD2b
tSK2(o)
tSK(t) = |tPD2a - tPD1a| or |tPD2b- tPD1b|
PACKAGE SKEW - tSK(t)
ENABLE AND DISABLE TIMES
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUIT FOR ALL OUTPUTS
ENABLE AND DISABLE TIME
SWITCH POSITION
Test
Switch
Disable LOW
Enable LOW
Closed
Disable HIGH
Enable HIGH
Open
3103 lnk 07
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
500
7.0V
3103 drw 04
3103 drw 07
3103 drw 08
tPLH
tPHL
3V
0V
VOH
1.5V
1.5V
VOL
tSK(p) = |tPHL - tPLH|
INPUT
OUTPUT
tPLH1
OUTPUT 1
OUTPUT 2
tSK2(o)
tPHL2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
INPUT
tPHL1
tPLH2
tSK2(o)
tSK2(o) = |tPHL2 - tPLH1| or |tPLH2 - tPHL1|
3103 drw 06
3103 drw 05
TEST WAVEFORMS
PACKAGE DELAY
3V
0V
VOH
tPLH
tPHL
VOL
1.5V
1.5V
tR
tF
2.0V
0.8V
tPLH1
OUTPUT 1
OUTPUT 2
tSK1(o)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
INPUT
tPHL1
tPHL2
tSK1(o)
tSK1(o) = |tPLH2 - tPLH1| or |tPHL2 - tPLH1|
INPUT
OUTPUT
OUTPUT SKEW (ALL BANKS) - tSK2(o)
PULSE SKEW - tSK(p)
OUTPUT SKEW (SAME BANK) - tSK1(o)


Similar Part No. - IDT74FCT810BTQB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT810BT RENESAS-IDT74FCT810BT Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT74FCT810BT/CT RENESAS-IDT74FCT810BT/CT Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results

Similar Description - IDT74FCT810BTQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com