Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R3051E-25MJ Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT79R3051E-25MJ
Description  RISControllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R3051E-25MJ Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT79R3051E-25MJ Datasheet HTML 6Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 7Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 8Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 9Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 10Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 11Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 12Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 13Page - Integrated Device Technology IDT79R3051E-25MJ Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
5.3
10
IDT79R3051/79R3052 INTEGRATED RISControllers
COMMERCIAL TEMPERATURE RANGE
PIN DESCRIPTION (Continued):
PIN NAME
I/O
DESCRIPTION
Burst/
O
Burst Transfer/Write Near: On read transactions, the
Burst signal indicates that the current bus read
WrNear
is requesting a block of four contiguous words from memory. This signal is asserted only in read cycles
due to cache misses; it is asserted for all I-Cache miss read cycles, and for D-Cache miss read cycles
if selected at device reset time.
On write transactions, the
WrNear output tells the external memory system that the bus interface unit
is performing back-to-back write transactions to an address within the same 256 word page as the prior
write transaction. This signal is useful in memory systems which employ page mode or static column
DRAMs, and allows near writes to be retired quickly.
Rd
O
Read: An output which indicates that the current bus transaction is a read.
Wr
O
Write: An output which indicates that the current bus transaction is a write.
Ack
I
Acknowledge: An input which indicates to the device that the memory system has sufficiently
processed the bus transaction, and that the CPU may either terminate the write cycle or process the read
data from this read transfer.
RdCEn
I
Read Buffer Clock Enable: An input which indicates to the device that the memory system has placed
valid data on the A/D bus, and that the processor may move the data into the on-chip Read Buffer.
SysClk
O
System Reference Clock: An output from the CPU which reflects the timing of the internal processor
"Sys" clock. This clock is used to control state transitions in the read buffer, write buffer, memory
controller, and bus interface unit.
BusReq
I
DMA Arbiter Bus Request: An input to the device which requests that the CPU tri-state its bus interface
signals so that they may be driven by an external master.
BusGnt
O
DMA Arbiter Bus Grant. An output from the CPU used to acknowledge that a
BusReq has been
detected, and that the bus is relinquished to the external master.
SBrCond(3:2)
I
Branch Condition Port: These external signals are internally connected to the CPU signals
BrCond(1:0)
CpCond(3:0). These signals can be used by the branch on co-processor condition instructions as input
ports. There are two types of Branch Condition inputs: the SBrCond inputs have special internal logic
to synchronize the inputs, and thus may be driven by asynchronous agents. The direct Branch Condition
inputs must be driven synchronously.
BErr
I
Bus Error: Input to the bus interface unit to terminate a bus transaction due to an external bus error.
This signal is only sampled during read and write operations. If the bus transaction is a read operation,
then the CPU will take a bus error exception.
Int(5:3)
I
Processor Interrupt: During normal operation, these signals are logically the same as the
Int(5:0)
SInt(2:0)
signals of the R3000. During processor reset, these signals perform mode initialization of the CPU, but
in a different (simpler) fashion than the interrupt signals of the R3000.
There are two types of interrupt inputs: the
SInt inputs are internally synchronized by the processor, and
may be driven by an asynchronous external agent. The direct interrupt inputs are not internally
synchronized, and thus must be externally synchronized to the CPU. The direct interrupt inputs have
one cycle lower latency than the synchronized interrupts.
Clk2xIn
I
Master Clock Input: This is a double frequency input used to control the timing of the CPU.
Reset
I
Master Processor Reset: This signal initializes the CPU. Mode selection is performed during the last
cycle of
Reset.
Rsvd(4:0)
I/O
Reserved: These five signal pins are reserved for testing and for future revisions of this device. Users
must not connect these pins.
2874 tbl 03


Similar Part No. - IDT79R3051E-25MJ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-16 IDT-IDT79R3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-20 IDT-IDT79R3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-25 IDT-IDT79R3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com