Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT827CEB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT827CEB
Description  HIGH-PERFORMANCE CMOS BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT827CEB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT827CEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT827CEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT827CEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT827CEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT827CEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT827CEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT827CEB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDT54/74FCT827A/B/C
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.20
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
NOTES:
2609 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current
VCC = Max.
VI = VCC
——
5
µA
VI = 2.7V
5(4)
II L
Input LOW Current
VI = 0.5V
–5(4)
VI = GND
–5
IOZH
Off State (High Impedance)
VCC = Max.
VO = VCC
——10
µA
Output Current
VO = 2.7V
10(4)
IOZL
VO = 0.5V
–10(4)
VO = GND
–10
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–75
–120
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—V
VCC = Min.
IOH = –300
µA
VHC
VCC
VIN = VIH or VIL
IOH = –15mA MIL.
2.4
4.3
IOH = –24mA COM'L.
2.4
4.3
VOL
Output LOW Voltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
GND
VLC
V
VCC = Min.
IOL = 300
µA
GND
VLC(4)
VIN = VIH or VIL
IOL = 32mA MIL.
0.3
0.5
IOL = 48mA COM'L.
0.3
0.5


Similar Part No. - IDT74FCT827CEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827CT IDT-IDT74FCT827CT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827CTD IDT-IDT74FCT827CTD Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827CTDB IDT-IDT74FCT827CTDB Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827CTE IDT-IDT74FCT827CTE Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827CTEB IDT-IDT74FCT827CTEB Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
More results

Similar Description - IDT74FCT827CEB

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT126 SLS-SL74HCT126 Datasheet
44Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT126A KODENSHI-KK74HCT126A Datasheet
212Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC125A STMICROELECTRONICS-74LVC125A_04 Datasheet
239Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
logo
IK Semicon Co., Ltd
IN74HCT125A IKSEMICON-IN74HCT125A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
IN74HCT126A IKSEMICON-IN74HCT126A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
February 2002
logo
KODENSHI_AUK CORP.
KK74HCT125A KODENSHI-KK74HCT125A Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
List of Unclassifed Man...
AD5424 ETC1-AD5424 Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT125 SLS-SL74HCT125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC125A INTEGRAL-IN74HC125A Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com