Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1H90-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SB1H90-E3
Description  High Voltage Schottky Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB1H90-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SB1H90-E3 Datasheet HTML 1Page - Vishay Siliconix SB1H90-E3 Datasheet HTML 2Page - Vishay Siliconix SB1H90-E3 Datasheet HTML 3Page - Vishay Siliconix SB1H90-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB1H90, SB1H100
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
2
Document Number: 88716
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 ms pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) PCB mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Typical Instantaneous Forward Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SB1H90
SB1H100
UNIT
Maximum instantaneous forward voltage
IF = 1.0 A
TJ = 25 °C
VF (1)
0.77
V
TJ = 125 °C
0.62
IF = 2.0 A
TJ = 25 °C
0.86
TJ = 125 °C
0.70
Maximum reverse current at rated VR
TJ = 25 °C
IR (2)
1.0
μA
TJ = 125 °C
0.5
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB1H90
SB1H100
UNIT
Maximum thermal resistance
RJA (1)
57
°C/W
RJL (1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB1H100-E3/54
0.34
54
5500
13" diameter paper tape and reel
SB1H100-E3/73
0.34
73
3000
Ammo pack packaging
0
0
0.6
0.8
1.0
50
25
75
100
125
150
175
Case Temperature (°C)
0.4
0.2
1.2
200
0.2
0
0.4
0.8
1.0
0.01
0.1
10
1
1.2
0.6
1.4
1.6
1.8
100
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
T
J = 175 °C


Similar Part No. - SB1H90-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
SB1H90 VISHAY-SB1H90 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB1H90 VISHAY-SB1H90 Datasheet
71Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
SUNMATE electronic Co.,...
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
   1.0A Axial Leaded High-Voltage Schottky Rectifier
More results

Similar Description - SB1H90-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90_V01 Datasheet
77Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB3H90 VISHAY-SB3H90_15 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIER
logo
Sangdest Microelectroni...
SHV30300G SMC-SHV30300G Datasheet
80Kb / 5P
   PLASTIC HIGH-VOLTAGE RECTIFIER
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com