Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R95.160 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R95.160
Description  5?뭁in PC Board Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R95.160 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R95.160 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
137
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
R95−160
.256 (6.5)
.571
(14.5)
5−Pin PC Board Socket
Features
For R51 Series Automotive Relay (50 Amp ONLY)
Continuous Temperature Rating of +130 C
.945
(24.0)
1.043
(26.5)
2 Locating
Pins
.805
(20.4)
.274 (7.0)
.274 (7.0)
.083 (2.1)1 Dia
.083 (2.11) Dia
.092 (2.3) Dia Typ
5 Holes
.332
(8.45)
.332
(8.45)
.626
(15.9)
.315 (8.0)
.256 (6.5)
.075 (1.91)
.331 (8.41)
.705 (17.91)
R95−160A
4−Pin Automotive High Current Socket
Features
For R51 Series 70 Amp Automotive Relay
Quick Connect Terminals supplied with socket
.319 (8.12)
.632 (16.05)
1.147
(29.12)
1.265 (32.13)
.697
(17.72)
.761 (19.33)
.206 (5.23)
.292 (7.43)
.729 (18.53)
.967 (24.56)
.903
(22.94)


Similar Part No. - R95.160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R95-132 ETC2-R95-132 Datasheet
583Kb / 1P
   8?뭁in Slim Line Socket
R95-133 ETC2-R95-133 Datasheet
583Kb / 1P
   8?뭁in Slim Line Socket
logo
Magnetrol International...
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-A30 MAGNETROL-R95-510A-A30 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
More results

Similar Description - R95.160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R95-132 ETC2-R95-132 Datasheet
583Kb / 1P
   8?뭁in Slim Line Socket
logo
ON Semiconductor
NUP4004M5 ONSEMI-NUP4004M5 Datasheet
47Kb / 3P
   5?뭁in Bi?묭irectional Quad TVS Array
February, 2007 ??Rev. 0
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
PHOENIX CONTACT
1720822 PHOENIX-1720822 Datasheet
174Kb / 8P
   Printed-circuit board connector - PC 5/ 5-GF-7,62
1777862 PHOENIX-1777862 Datasheet
297Kb / 14P
   Printed-circuit board connector - PC 5/ 5-STF1-7,62
1727618 PHOENIX-1727618 Datasheet
74Kb / 3P
   Printed-circuit board connector - DFK-PC 5/ 5-G-7,62
1727728 PHOENIX-1727728 Datasheet
74Kb / 3P
   Printed-circuit board connector - DFK-PC 5/ 5-GF-7,62
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com