Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC4318TWS Datasheet(PDF) 10 Page - Ericsson

Part # PMC4318TWS
Description  DC/DC regulator Input 3.0 - 5.5 V Output 10 A
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC4318TWS Datasheet(HTML) 10 Page - Ericsson

Back Button PMC4318TWS Datasheet HTML 6Page - Ericsson PMC4318TWS Datasheet HTML 7Page - Ericsson PMC4318TWS Datasheet HTML 8Page - Ericsson PMC4318TWS Datasheet HTML 9Page - Ericsson PMC4318TWS Datasheet HTML 10Page - Ericsson PMC4318TWS Datasheet HTML 11Page - Ericsson PMC4318TWS Datasheet HTML 12Page - Ericsson PMC4318TWS Datasheet HTML 13Page - Ericsson PMC4318TWS Datasheet HTML 14Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
EN/LZT146056R4A© EricssonPowerModules,March2007
PMC4318TWSDatasheet
Tref=-30...+90°C,VI=3.0...5.5Vunlessotherwisespecified.Inputfilter2x22µF,Outputfilter1x150µF
Typvaluesspecifiedat:Tref=+25°CandVInom,IOmax=10A.Note:+Senseconnectedto+Out
Adjusted to 1. V out - Data
Characteristics
Conditions
Output
Unit
min
typ
max
VOi
Outputvoltageadjustedsetting Tref=+25°C,VInom,IOmax,Radj42kΩ
1.176
1.20
1.224
V
VO
Outputvoltagetoleranceband
IO=0.01...1.0xIOmax
1.164
1.236
V
Idlingvoltage
IO=0
1.18
1.22
V
Lineregulation
VImin...VImax,IOmax
11
mV
Loadregulation
IO=0.01...1.0xIOmax,VInom
10
mV
Vtr
Loadtransient
voltagedeviation
Loadstep=0.25...0.75xIOmax,
dI/dt=5A/µs,CO=150µF,
VI=3.3V
100
mV
ttr
Loadtransientrecoverytime
60
µs
Tcoeff
Temperaturecoefficient
Tref=-30...+90°C,IOmax
-0.1
0
+0.1
mV/°C
ts
Start-uptime
FromVIconnectedtoVO=0.9xVOI,
IO=0.1...1.0xIOmax,VInom
8.5
ms
tr
Ramp-uptime
0.1...0.9xVO,IO=0.1...1.0xIOmax,VInom
4
ms
tr
Falltime,VOx0.1
IO=IOmax,VInom
0.2
ms
tr
Falltime,VOx0.1
IO=0A,VInom
5
s
tRCoff
RCshut-downtimetoVOx0.1
IO=IOmax,VInom
0.2
ms
tRCon
RCstart-uptimetoVOx0.9
IO=IOmax,VInom
8
ms
tRC
RCfalltime,VOx0.1...0.9
IO=0A,VInom
5
s
IO
Outputcurrent
0
10
A
POmax
Maxoutputpower
AtVO=VOnom
12
W
Ilim
Currentlimitthreshold
Tref<Trefmax
16
20
24
A
VOac
Outputripple
20Hz...5MHz,IOmax
10
20
mVp-p
η
Efficiency-50%load
IO=0.5xIOmax,VI=5V
89.7
%
η
Efficiency-100%load
IO=IOmax,VI=5V
86.5
88.6
%
Pd
PowerDissipation
IO=IOmax,VI=5V
1.5
1.9
W
Fo
Switchingfrequency
IO=0...1.0xIOmax
250
300
350
kHz
Isense
Remotesensecurrent
8
mA
II
Staticinputcurrent
VI=3.0V,IO=IOmax,Tref=25°C
4.5
A
MTBF
Predictedreliability
Tref=40°C
6
million
hours


Similar Part No. - PMC4318TWS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PMC40 ALPHAWIRE-PMC40 Datasheet
103Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
Potens Semiconductor Co...
PMC4998X POTENS-PMC4998X Datasheet
583Kb / 5P
   40V N-Channel MOSFETs
More results

Similar Description - PMC4318TWS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
logo
Ericsson
PMD4118OWSR ERICSSON-PMD4118OWSR Datasheet
973Kb / 45P
   POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMC8818TS ERICSSON-PMC8818TS Datasheet
1Mb / 34P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com