Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD822 Datasheet(PDF) 5 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 5 Page - Analog Devices

  AD822_15 Datasheet HTML 1Page - Analog Devices AD822_15 Datasheet HTML 2Page - Analog Devices AD822_15 Datasheet HTML 3Page - Analog Devices AD822_15 Datasheet HTML 4Page - Analog Devices AD822_15 Datasheet HTML 5Page - Analog Devices AD822_15 Datasheet HTML 6Page - Analog Devices AD822_15 Datasheet HTML 7Page - Analog Devices AD822_15 Datasheet HTML 8Page - Analog Devices AD822_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD822
Rev. I | Page 5 of 24
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Impedance
Differential
1013||0.5
1013||0.5
Ω||pF
Common Mode
1013||2.8
1013||2.8
Ω||pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage2
VOL − VEE
ISINK = 20 μA
5
7
5
7
mV
TMIN to TMAX
10
10
mV
VCC − VOH
ISOURCE = 20 μA
10
14
10
14
mV
TMIN to TMAX
20
20
mV
VOL − VEE
ISINK = 2 mA
40
55
40
55
mV
TMIN to TMAX
80
80
mV
VCC − VOH
ISOURCE = 2 mA
80
110
80
110
mV
TMIN to TMAX
160
160
mV
VOL – VEE
ISINK = 15 mA
300
500
300
500
mV
TMIN to TMAX
1000
1000
mV
VCC − VOH
ISOURCE = 15 mA
800
1500
800
1500
mV
TMIN to TMAX
1900
1900
mV
Operating Output Current
15
15
mA
TMIN to TMAX
12
12
mA
Capacitive Load Drive
350
350
pF
POWER SUPPLY
Quiescent Current, TMIN to TMAX
1.24
1.6
1.24
1.6
mA
Power Supply Rejection
V+ = 5 V to 15 V
66
80
70
80
dB
TMIN to TMAX
66
70
dB
1 This is a functional specification. Amplifier bandwidth decreases when the input common-mode voltage is driven in the range (V+ − 1 V) to V+. Common-mode error
voltage is typically less than 5 mV with the common-mode voltage set at 1 V below the positive supply.
2 VOL − VEE is defined as the difference between the lowest possible output voltage (VOL) and the negative voltage supply rail (VEE). VCC − VOH is defined as the difference
between the highest possible output voltage (VOH) and the positive supply voltage (VCC).


Similar Part No. - AD822_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD82201 AD-AD82201 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD82241 AD-AD82241 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD822_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com