Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

908-395E-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 908-395E-5
Description  1PK-301-WDM, 10PCS Compact Tool Kit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

908-395E-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1PK-301-WDM, 10PCS Compact Tool Kit
—
Case size: 205x144x32(mm)
—
Individual Packing: Inner box & Color label Shrink
—
Picture for reference only. Please check with distributor for exact offers. All specifications are subject to change
without notice.
1PK-036S
Long nose plier 135mm
1PK-037S
Diagonal cutting plier 110mm
1PK-125T
Fine tip straight tweezer
89401A
Pro-soft s/d 3.2x75mm
89401B
Pro-soft s/d #0x75mm
908-395E-3
Presicion screwdriver 2.4mm
908-395E-5
Presicion screwdriver #0
9K003A-1
Needle file flat
9K003B-1
Needle file round
DK-2039
Utility knife (3 blades self loading)
908-801A
Carrying zipper bag


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn