Electronic Components Datasheet Search |
|
AD817 Datasheet(PDF) 11 Page - Analog Devices |
|
AD817 Datasheet(HTML) 11 Page - Analog Devices |
11 / 12 page AD817 REV. B –11– A HIGH PERFORMANCE ADC INPUT BUFFER High performance analog to digital converters (ADCs) require input buffers with correspondingly high bandwidths and very low levels of distortion. Typical requirements include distortion levels of –60 dB to –70 dB for a 1 volt p-p signal and band- widths of 10 MHz or more. In addition, an ADC buffer may need to drive very large capacitive loads. The circuit of Figure 36 is useful for driving high speed convert- ers such as the differential input of the AD733, 10-bit ADC. This circuit may be used with other converters with only minor modifications. Using the AD817 provides the user with the op- tion of either operating the buffer in differential mode or from a single +5 volt supply. Operating from a +5 volt power supply helps to avoid overdriving the ADC—a common problem with buffers operating at higher supply voltages. SINGLE SUPPLY OPERATION Another exciting feature of the AD817 is its ability to perform well in a single supply configuration. The AD817 is ideally suited for applications that require low power dissipation and high output current and those which need to drive large capaci- tive loads, such as high speed buffering and instrumentation. Referring to Figure 37, careful consideration should be given to the proper selection of component values. The choices for this particular circuit are: R1+ R3//R2 combine with C1 to form a low frequency corner of approximately 300 Hz. R2 10k Ω C3 0.1 µF R1 9k Ω R3 1k Ω C2 0.1 µF C1 0.1 µF C L 200pF R L 150 Ω SELECT C1, R1, R2 & R3 FOR DESIRED LOW FREQUENCY CORNER. (R2 = R1 + R3) C OUT +V S V OUT V IN AD817 7 6 3 2 4 0.01 µF 3.3 µF Figure 37. Single Supply Amplifier Configuration Combining R3 with C2 forms a low-pass filter with a corner frequency of 1.5 kHz. This is needed to maintain amplifier PSRR, since the supply is connected to VIN through the input divider. The values for RL and CL were chosen to demonstrate the AD817’s exceptional output drive capability. In this con- figuration, the output is centered around 2.5 V. In order to eliminate the static dc current associated with this level, C3 was inserted in series with RL. 52.5 Ω 0.1 µF 1k Ω 0.1 µF –V S 1k Ω 1k Ω 1k Ω AD773 10-BIT 18MHz ADC V INA V INB ADREF43 VOLTAGE REFERENCE +2.5V 50 Ω COAX CABLE V IN 500mVp-p MAX +V S AD817 7 6 3 2 4 26 27 0.1 µF 0.1 µF –V S +V S AD817 7 6 3 2 4 +5V COMMON –5V 100 µF 25V 100 µF 25V +V S –V S Figure 36. A Differential Input Buffer for High Bandwidth ADCs |
Similar Part No. - AD817_15 |
|
Similar Description - AD817_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |