Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD813 Datasheet(PDF) 12 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD813_15 Datasheet HTML 8Page - Analog Devices AD813_15 Datasheet HTML 9Page - Analog Devices AD813_15 Datasheet HTML 10Page - Analog Devices AD813_15 Datasheet HTML 11Page - Analog Devices AD813_15 Datasheet HTML 12Page - Analog Devices AD813_15 Datasheet HTML 13Page - Analog Devices AD813_15 Datasheet HTML 14Page - Analog Devices AD813_15 Datasheet HTML 15Page - Analog Devices AD813_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD813
REV. B
–12–
90
0%
2V
10
100
50ns
2V
Figure 34. Large Signal Pulse Response, Gain = –1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
1
10
1000
100
FREQUENCY – MHz
–1
–6
+1
0
–2
–3
–4
–5
5V
5V
5V
0
–90
–180
–270
3V
PHASE
GAIN
5V
G = –1
RL = 150
VS = 15V
VS = 15V
3V
Figure 35. Closed-Loop Gain and Phase vs. Frequency,
G = –1, RL = 150 Ω
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
60
50
90
70
80
100
110
PEAKING
1.0dB
RF = 681
40
PEAKING
0.2dB
RF = 715
G = –1
RL = 150
Figure 36. –3 dB Bandwidth vs. Supply Voltage, G = –1,
RL = 150 Ω
10
90
10 0
0%
500m V
500m V
20n s
Figure 37. Small Signal Pulse Response, Gain = –1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
1
10
1000
100
FREQUENCY – MHz
–1
–6
+1
0
–2
–3
–4
–5
5V
5V
0
–90
–180
–270
3V
PHASE
GAIN
5V
G = –10
RL = 1k
VS = 15V
VS = 15V
3V
5V
Figure 38. Closed-Loop Gain and Phase vs. Frequency,
G = –10, RL = 1 kΩ
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
40
30
70
50
60
80
20
RF = 154
G = –10
RL = 1k
RF = 357
RF = 649
Figure 39. –3 dB Bandwidth vs. Supply Voltage,
G = –10, RL = 1 k


Similar Part No. - AD813_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
More results

Similar Description - AD813_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com