Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD807 Datasheet(PDF) 11 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD807_15 Datasheet HTML 4Page - Analog Devices AD807_15 Datasheet HTML 5Page - Analog Devices AD807_15 Datasheet HTML 6Page - Analog Devices AD807_15 Datasheet HTML 7Page - Analog Devices AD807_15 Datasheet HTML 8Page - Analog Devices AD807_15 Datasheet HTML 9Page - Analog Devices AD807_15 Datasheet HTML 10Page - Analog Devices AD807_15 Datasheet HTML 11Page - Analog Devices AD807_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. B
AD807
–11–
AD807
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CF1
CF2
VEE
SDOUT
PIN
NIN
AVCC1
THRADJ
AVEE
SDOUT
VCC1
CLKOUTP
AVCC2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CD
R5 100
R6 100
R10
154
R9
154
C7 0.1 F
R7 100
R8 100
C8
0.1 F
R12
150
R11
150
R2
100
R1
100
C2 0.1 F
C3 0.1 F
C4 0.1 F
C5 0.1 F
R4
100
R3
100
C6
0.1 F
C1 0.1 F
J1
J2
J3
J4
R13
THRADJ
C11 0.1 F
C10
0.1 F
R14
47
R15
47
R16
330
C9
10 F
5V
C13
0.1 F
C14
0.1 F
30pF
30pF
NOISE FILTER
120nH
R17
3.9k
C12
0.1 F
EPITAXX
ERM504
1
2
PIN TIA
1 F
NOTE:
PIN TIA PIN 4 (CASE)
IS CONNECTED TO
GROUND
Figure 17. AD807 Application with Epitaxx PIN—Transimpedance Amplifier Module
The entire circuit was enclosed in a shielded box. Table I sum-
marizes results of tests performed using a 2
23-1 PRN Sequence,
and varying the average power at the PIN diode.
The circuit acquires and maintains lock with an average input
power as low as –39.25 dBm.
Table II. AD807—Epitaxx ERM504 PIN TIA 155 Mbps
Fiber Optic Receiver Circuit: Output Bit Error Rate and
Output Jitter vs. Average Input Power
Average Optical
Input Power
Output Bit
Output Jitter
(dBm)
Error Rate
(ps rms)
0
0.0
× 10–10
29
–3
0.0
× 10–10
35
–10
0.0
× 10–10
40
–20
0.0
× 10–10
37
–30
0.0
× 10–10
33
–32
0.0
× 10–10
35
–34
0.0
× 10–10
36
–35
0.0
× 10–10
39
–35.5
0.0
× 10–10
40
–36
0.0
× 10–10
41
–37.0
0.0
× 10–10
42
–37.6
0.5
× 10–10
43
–38.0
4
× 10–6
50
SONET (OC-3)/SDH (STM-1) Fiber Optic Receiver Circuit
A light wave receiver circuit for SONET/SDH application at
155 Mbps is shown in Figure 17, with test results given in Table
II. The circuit operates from a single 5 V supply, and uses two
major components: an Epitaxx ERM504 PIN-TIA module with
AGC, and the AD807 IC.
A 120 MHz, third order, low-pass Butterworth filter at the
output of the PIN-TIA module provides adequate bandwidth
(70% of the bit rate), and attenuates high frequency (out of
band) noise.
250mV
50mV/
DIV
–250mV
38.12ns
1ns/DIV
48.12ns
Figure 18. Receiver Output (Data) Eye Diagram,
0 dBm Optical Input
250mV
50mV/
DIV
–250mV
38.12ns
1ns/DIV
48.12ns
Figure 19. Receiver Output (Data) Eye Diagram,
–38 dBm Optical Input


Similar Part No. - AD807_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807-155BR AD-AD807-155BR Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD807-155BR-REEL AD-AD807-155BR-REEL Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD807-155BR-REEL7 AD-AD807-155BR-REEL7 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
More results

Similar Description - AD807_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
   Fiber Optic Data Quantizer
logo
Analog Devices
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Infineon Technologies A...
FOA3251B1 INFINEON-FOA3251B1 Datasheet
600Kb / 25P
   High Speed Clock and Data Recovery for Fiber Optic Applications
V1.0, Aug. 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com