Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R3051E-25J Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT79R3051E-25J
Description  RISControllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R3051E-25J Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT79R3051E-25J Datasheet HTML 4Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 5Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 6Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 7Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 8Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 9Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 10Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 11Page - Integrated Device Technology IDT79R3051E-25J Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
5.3
8
IDT79R3051/79R3052 INTEGRATED RISControllers
COMMERCIAL TEMPERATURE RANGE
Airflow (ft/min)
ØCA
0
200
400
600
800
1000
"J" Package
29
26
21
18
16
15
"MJ" Package*
22
14
12
11
9
8
2874 tbl 01
PERFORMANCE OVERVIEW
The IDT79R3051 family achieves a very high level of
performance. This performance is based on:
• An efficient execution engine. The CPU performs ALU
operations and store operations at a single cycle rate, and
has an effective load time of 1.3 cycles, and a branch
execution rate of 1.5 cycles (based on the ability of the
compilers to avoid software interlocks). Thus, the execution
engine achieves over 35MIPS performance when operating
out of cache.
• Large on-chip caches. The IDT79R3051 family contains
caches which are substantially larger than those on the
majority of today’s embedded microprocessors. These large
caches minimize the number of bus transactions required,
and allow the R3051 family to achieve actual sustained
performance, very close to its peak execution rate.
• Autonomous multiply and divide operations. The
IDT79R3051 family features an on-chip integer multiplier/
divide unit which is separate from the other ALU. This allows
the IDT79R3051 family to perform multiply or divide opera-
tions in parallel with other integer operations, using a single
multiply or divide instruction rather than “step” operations.
• Integrated write buffer. The IDT79R3051 family features a
four-deep write buffer, which captures store target ad-
dresses and data at the processor execution rate and retires
it to main memory at the slower main memory access rate.
Use of on-chip write buffers eliminates the need for the
processor to stall when performing store operations.
• Burst read support. The IDT79R3051 family enables the
system designer to utilize page mode or nibble mode RAMs
when performing read operations to minimize the main
memory read penalty and increase the effective cache hit
rates.
These techniques combine to allow the processor to achieve
35MIPS integer performance, and over 64,000 dhrystones at
40MHz without the use of external caches or zero wait-state
memory devices.
SELECTABLE FEATURES
The IDT79R3051 family allows the system designer to
configure some aspects of operation. These aspects are
established when the device is reset and include:
• Big Endian vs. Little Endian operation: The part can be
configured to operate with either byte ordering convention,
and in fact may also be dynamically switched between the
two conventions. This facilitates the porting of applications
from other processor architectures, and also permits inter-
communications between various types of processors and
databases.
• Data cache refill of one or four words: The memory
system must be capable of performing 4-word transfers to
satisfy cache misses. This option allows the system de-
signer to choose between one- and four-word refill on data
cache misses, depending on the performance each option
brings to his application.
THERMAL CONSIDERATIONS
The IDT79R3051 family utilizes special packaging tech-
niques to improve the thermal properties of high-speed pro-
cessors. Thus, all versions of the IDT79R3051 family are
packaged in cavity-down packaging.
The lowest cost members of the family use a standard
cavity-down, injection molded PLCC package (the "J" pack-
age). This package, coupled with the power reduction tech-
niques employed in the design of the IDT79R3051 family,
allows operation at speeds to 25MHz. However, at higher
speeds, additional thermal care must be taken.
For this reason, the IDT79R3051 family is also available in
the MQUAD package (the "MJ" package), which is an all-
aluminum package with the die attached to a normal copper
lead-frame, mounted to the aluminum casing. The MQUAD
allows for more efficient thermal transfer between the die and
the case of the part due to the heat-spreading effect of the
aluminum. The aluminum offers less internal resistance from
one end of the package to the other, which reduces the
temperature gradient across the package, and, therefore,
presents a greater area for convection and conduction to the
PCB for a given temperature. Even nominal amounts of
airflow will dramatically reduce the junction temperature of the
die, resulting in cooler operation. The MQUAD package is
available at all frequencies, and is pin- and form-compatible
with the PLCC package. Thus, designers can choose to utilize
this package without changing their PCB.
The members of the IDT79R3051 family are guaranteed in
a case temperature range of 0
°C to +85°C. The type of
package, speed (power) of the device, and airflow conditions
affect the equivalent ambient conditions which meet this
specification.
The equivalent allowable ambient temperature, TA, can be
calculated using the thermal resistance from case to ambient
CA) of the given package. The following equation relates
ambient and case temperature:
TA = TC - P * ØCA
where P is the maximum power consumption at hot tempera-
ture, calculated by using the maximum ICC specification for
the device.
Typical values for ØCA at various airflows are shown in
Table 1 for the various packages.
Table 1. Thermal Resistance (ØCA) at Various Airflows
(*estimated: final values tbd)


Similar Part No. - IDT79R3051E-25J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-16 IDT-IDT79R3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-20 IDT-IDT79R3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-25 IDT-IDT79R3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com