Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M1024S20G Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7M1024S20G
Description  4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1024S20G Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7M1024S20G Datasheet HTML 1Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 2Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 3Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 4Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 5Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 6Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 7Page - Integrated Device Technology IDT7M1024S20G Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MARCH 1996
©1996 Integrated Device Technology, Inc.
DSC-2809/6
7.4
1
4K x 36 BiCMOS
SYNCHRONOUS DUAL-PORT
STATIC RAM MODULE
IDT7M1024
IDT7099
4K x 9
IDT7099
4K x 9
IDT7099
4K x 9
IDT7099
4K x 9
R_A0 – 11
R_I/O0 – 8
R_I/O9 – 17
R_I/O18 – 26
R_I/O27 – 35
L_I/O0 – 8
L_I/O9 – 17
L_I/O18 – 26
L_I/O27 – 35
L_A0 – 11
L_ R/
W0
R_ R/
W0
L_ R/
W1
R_ R/
W1
R_ R/
W2
L_ R/
W3
L_
CEL
R_
CEL
L_
CLKENL
R_
CLKENL
R_CLK
L_CLK
L_ R/
W2
L_
OEL
R_
OEL
R_ R/
W3
2809 drw 01
L_
CEH
L_
OEH
R_
CEH
R_
OEH
L_
CLKENH
R_
CLKENH
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• High-density 4K x 36 Synchronous Dual-Port SRAM
module
• Architecture based on Dual-Port RAM cells
— Allows full simultaneous access from both ports
• Synchronous operation
— 4ns set-up to clock, 1ns hold on all control, data, and
address inputs
— Data input, address, and control registers
— Fast 20ns clock to data out
— Self-timed write allows fast write cycle
• Clock enable feature
• Single 5V (
±10%) power supply
• Multiple GND pins and decoupling capacitors for maxi-
mum noise immunity
• Inputs/outputs directly TTL-compatible
DESCRIPTION:
The IDT7M1024 is a 4K x 36 bit high-speed synchronous
Dual-Port Static RAM module constructed on a co-fired ce-
ramic substrate using four IDT7099 (4K x 9) Dual-Port RAMs.
The IDT7M1024 module is designed to be used as a stand-
alone 36-bit Dual-Port Static RAM.
The IDT7M1024 provides a true synchronous Dual-Port
Static RAM interface. Registered inputs provide very short
set-up and hold times on address, data, and all critical control
inputs. All internal registers are clocked on the rising edge of
the clock signal. An asynchronous output enable is provided
to ease asynchronous bus interfacing.
The internal write pulse width is independent of the HIGH
and LOW periods of the clock. This allows the shortest
possible realized cycle times. Clock enable inputs are pro-
vided to stall the operation of the address and data input
registers without introducing clock skew for very fast inter-
leaved memory applications.
The data inputs are gated to control on-chip noise in bussed
applications. The user must guarantee that the R/
W pins are
LOW for at least one clock cycle before any write is attempted.
A HIGH on the
CE input for one clock cycle will power down the
internal circuitry to reduce static power consumption.
The IDT7M1024 module is packaged in a 142-lead ceramic


Similar Part No. - IDT7M1024S20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1024S20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1014 IDT-IDT7M1014 Datasheet
85Kb / 8P
   4K x 36 BiCMOS DUAL-PORT STATIC RAM MODULE
logo
Cypress Semiconductor
CY7C09349A CYPRESS-CY7C09349A Datasheet
337Kb / 17P
   4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com