Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7M1002 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT7M1002
Description  16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1002 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7M1002 Datasheet HTML 1Page - Integrated Device Technology IDT7M1002 Datasheet HTML 2Page - Integrated Device Technology IDT7M1002 Datasheet HTML 3Page - Integrated Device Technology IDT7M1002 Datasheet HTML 4Page - Integrated Device Technology IDT7M1002 Datasheet HTML 5Page - Integrated Device Technology IDT7M1002 Datasheet HTML 6Page - Integrated Device Technology IDT7M1002 Datasheet HTML 7Page - Integrated Device Technology IDT7M1002 Datasheet HTML 8Page - Integrated Device Technology IDT7M1002 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7.02
2
IDT7M1002
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
2795 tbl 01
FUNCTIONAL BLOCK DIAGRAM
IDT7006
16K x 8
(ARBITRATION
LOGIC)
IDT7006
16K x 8
(ARBITRATION
LOGIC)
IDT7006
16K x 8
(ARBITRATION
LOGIC)
IDT7006
16K x 8
(ARBITRATION
LOGIC)
(0)
R_A(0–13)
R_I/O(0–7)
R_I/O(8–15)
R_I/O(16–23)
R_I/O(24–31)
L_I/O(0–7)
L_I/O(8–15)
L_I/O(16–23)
L_I/O(24–31)
L_A(0–13)
R/
W (1)
R/
W (2)
R/
W (3)
R/
W (1)
R/
W (2)
R/
W (3)
2795 drw 02
L_
L_
L_
R_
R_
R_
R_
R_
R_
R_
R_
R_R/
W
CS
OE
SEM
INT
BUSY
(0)
L_
L_
L_
L_
L_
L_R/
W
CS
OE
SEM
INT
BUSY
M/S
PIN NAMES
Left Port
Right Port
Description
L_A (0–13)
R_A (0–13)
Address Inputs
L_I/O (0–31)
R_I/O (0–31)
Data Inputs/Outputs
L_R/
W (1–4)
R_R/
W (1–4)
Read/Write Enables
L_
CS
R_
CS
Chip Select
L_
OE
R_
OE
Output Enable
L_
BUSY
R_
BUSY
Busy Flag
L_I
NT
R_
INT
Interrupt Flag
L_
SEM
R_
SEM
Semaphore Control
M/
S
Master/Slave Control
VCC
Power
GND
Ground


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT7M1001128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE 1 2 3 4 5 MoreIntegrated Device Technology
IDT70261SHIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT 1 2 3 4 5 MoreIntegrated Device Technology
EDI8F32259V256Kx32 Static RAM CMOS High Speed Module 1 2 3 4 5 MoreWhite Electronic Designs Corporation
EDI9F37512C55MMC512K x 37 Static RAM CMOS High Speed Module 1 2 3 4 5 White Electronic Designs Corporation
IDT7026SHIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM 1 2 3 4 5 MoreIntegrated Device Technology
IDT70V261SHIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 1 2 3 4 5 MoreIntegrated Device Technology
EDI8F32512C512Kx32 Static RAM CMOS High Speed Module 1 2 3 4 5 MoreWhite Electronic Designs Corporation
IDT70V06SHIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM 1 2 3 4 5 MoreIntegrated Device Technology
IDT70V26SHIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn