Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT273EB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT273EB
Description  FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT273EB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT273EB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT273EB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT273EB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT273EB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT273EB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT273EB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT273EB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.10
DSC-4609/2
®
IDT54/74FCT273
IDT54/74FCT273A
IDT54/74FCT273C
FAST CMOS
OCTAL FLIP-FLOP
WITH MASTER RESET
FEATURES:
• IDT54/74FCT273 equivalent to FAST
™ speed;
• IDT54/74FCT273A 45% faster than FAST
• IDT54/74FCT273C 55% faster than FAST
• Equivalent to FAST output drive over full temperature
and voltage supply extremes
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• TTL input and output level compatible
• CMOS output level compatible
• Substantially lower input current levels than FAST
(5
µA max.)
• Octal D flip-flop with Master Reset
• JEDEC standard pinout for DIP and LCC
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT54/74FCT273/A/C are octal D flip-flops built using
an advanced dual metal CMOS technology.
The IDT54/
74FCT273/A/C have eight edge-triggered D-type flip-flops
with individual D inputs and O outputs. The common buffered
Clock (CP) and Master Reset (
MR) inputs load and reset
(clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D
input, one set-up time before the LOW-to-HIGH clock
transition, is transferred to the corresponding flip-flop’s O
output.
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the
MR input. The
device is useful for applications where the true output only is
required and the Clock and Master Reset are common to all
storage elements.
FUNCTIONAL BLOCK DIAGRAM
2558 drw 01
D
O7
CP
Q
D7
D
O6
CP
Q
D6
D
O5
CP
Q
D5
D
O4
CP
Q
D4
D
O3
CP
Q
D3
D
O2
CP
Q
D2
D
O1
CP
Q
D1
D
O0
CP
Q
D0
MR
CP
RD
RD
RD
RD
RD
RD
RD
RD
PIN CONFIGURATIONS
5
6
7
8
9
10
D0
D1
O1
1
2
3
4
20
19
18
17
16
15
14
13
Vcc
12
11
MR
D7
O2
D2
D3
O3
CP
D6
O6
O5
D5
D4
GND
O4
O0
O7
P20-1
D20-1
SO20-2
&
E20-1
2558 drw 02
INDEX
15
14
18
17
16
5
6
7
8
4
L20-2
D1
O1
D7
O2
D2
D3
D6
O6
O5
D5
9 10 11 12 13
32
1
20 19
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a registered trademark of National Semiconductor Co.
DIP/SOIC/CERPACK
TOP VIEW
LCC
TOP VIEW
1


Similar Part No. - IDT74FCT273EB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT273AT IDT-IDT74FCT273AT Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATD IDT-IDT74FCT273ATD Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATDB IDT-IDT74FCT273ATDB Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATE IDT-IDT74FCT273ATE Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273ATEB IDT-IDT74FCT273ATEB Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Similar Description - IDT74FCT273EB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com