Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV3081E Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT79RV3081E
Description  RISController with FPA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV3081E Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT79RV3081E Datasheet HTML 1Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 2Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 3Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 4Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 5Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 6Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 7Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 8Page - Integrated Device Technology IDT79RV3081E Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
5.5
1
IDT79R3081 RISController
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SEPTEMBER 1995
©1995 Integrated Device Technology, Inc.
5.5
DSC-9064/4
IDT 79R3081
™, 79R3081E
IDT 79RV3081, 79RV3081E
IDT79R3081
RISController
with FPA
R3081 BLOCK DIAGRAM
Clock Generator
Unit/Clock Doubler
Master Pipeline Control
System Control
Coprocessor
(CP0)
Integer
CPU Core
Exception/Control
Registers
Memory Management
Registers
Translation
Lookaside Buffer
(64 entries)
General Registers
(32 x 32)
ALU
Shifter
Mult/Div Unit
Address Adder
PC Control
Virtual Address
Configurable
Data
Cache
(4kB/8kB)
Configurable
Instruction
Cache
(16kB/8kB)
Physical Address Bus
BIU
Control
DMA
Arbiter
4-deep
Write
Buffer
ClkIn
Int(5:0)
32
36
BrCond(3:2,0)
Data Bus
R3051 Superset Bus Interface Unit
Address/
Data
DMA
Ctrl
Rd/Wr
Ctrl
SysClk
Register Unit
(16 x 64)
Exponent Unit
Add Unit
Divide Unit
Multiply Unit
Floating Point
Coprocessor
(CP1)
Coherency
Logic
Invalidate
Control
Exception/Control
Data Bus
FP Interrupt
Parity
Generator
4-deep
Read
Buffer
2889 drw 01
The IDT logo is a registered trademark, and RISController, R3041, R3051, R3052, R3071, R3081, R3720, R4400, R4600, IDT/kit, and IDT/sim are trademarks of Integrated Device Technology, Inc.
FEATURES
• Instruction set compatible with IDT79R3000A, R3041,
R3051, and R3071 RISC CPUs
• High level of integration minimizes system cost
— R3000A Compatible CPU
— R3010A Compatible Floating Point Accelerator
— Optional R3000A compatible MMU
— Large Instruction Cache
— Large Data Cache
— Read/Write Buffers
• 43VUPS at 50MHz
— 13MFlops
• Flexible bus interface allows simple, low cost designs
• Optional 1x or 2x clock input
• 20 through 50MHz operation
• "V" version operates at 3.3V
• 50MHz at 1x clock input and 1/2 bus frequency only
• Large on-chip caches with user configurability
— 16kB Instruction Cache, 4kB Data Cache
— Dynamically configurable to 8kB Instruction Cache,
8kB Data Cache
— Parity protection over data and tag fields
• Low cost 84-pin packaging
• Superset pin- and software-compatible with R3051, R3071
• Multiplexed bus interface with support for low-cost, low-
speed memory systems with a high-speed CPU
• On-chip 4-deep write buffer eliminates memory write stalls
• On-chip 4-deep read buffer supports burst or simple block
reads
• On-chip DMA arbiter
• Hardware-based Cache Coherency Support
• Programmable power reduction mode
• Bus Interface can operate at half-processor frequency
Integrated Device Technology, Inc.


Similar Part No. - IDT79RV3081E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV3081E

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
F48P24A-V12-19 VICOR-F48P24A-V12-19 Datasheet
268Kb / 4P
   FPA Evaluation Board
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
VITALCONN ELECTRONICS H...
J21TG07K1NP01 VITALCONN-J21TG07K1NP01 Datasheet
479Kb / 3P
   RJ45 WITH SINGLE USB3.0 , WITH SINGLE TYPE C , WITH LEDs WITH MAGNETIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com