Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT377TQ Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT377TQ
Description  FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT377TQ Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT377TQ Datasheet HTML 1Page - Integrated Device Technology IDT54FCT377TQ Datasheet HTML 2Page - Integrated Device Technology IDT54FCT377TQ Datasheet HTML 3Page - Integrated Device Technology IDT54FCT377TQ Datasheet HTML 4Page - Integrated Device Technology IDT54FCT377TQ Datasheet HTML 5Page - Integrated Device Technology IDT54FCT377TQ Datasheet HTML 6Page - Integrated Device Technology IDT54FCT377TQ Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6.14
2
IDT54/74FCT377T/AT/CT/DT
FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
DIP/SOIC/QSOP/CERPACK
TOP VIEW
LCC
TOP VIEW
PIN DESCRIPTION
Pin Names
Description
D0 – D7
Data Inputs
CE
Clock Enable (Active LOW)
O0 – O7
Data Outputs
CP
Clock Pulse Input
2630 tbl 01
FUNCTION TABLE
(1)
Inputs
Outputs
Operating Mode
CP
CE
CE
DO
Load “1”
lh
H
Load “0”
ll
L
Hold
h
X
No Change
H
H
X
No Change
NOTE:
2630 tbl 02
1. H = HIGH Voltage Level
h = HIGH Voltage Level one setup time prior to the LOW-to-HIGH
Clock Transition
L = LOW Voltage Level
l = LOW Voltage Level one setup time prior to the LOW-to-HIGH Clock
Transition
X = Don't Care
↑ = LOW-to-HIGH Clock Transition
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
1. This parameter is measured at characterization but not tested.
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
2630 lnk 03
2630 lnk 04
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2630 drw 02
5
6
7
8
9
10
D0
D1
O1
1
2
3
4
20
19
18
17
16
15
14
13
Vcc
12
11
CE
D7
O2
D2
D3
O3
CP
D6
O6
O5
D5
D4
GND
O4
O0
O7
P20-1
D20-1
SO20-2
SO20-8
&
E20-1
INDEX
15
14
18
17
16
5
6
7
8
4
L20-2
D1
O1
D7
O2
D2
D3
D6
O6
O5
D5
9 10 11 12 13
32
1
20 19
2630 drw 03


Similar Part No. - IDT54FCT377TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT373 IDT-IDT54FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373A IDT-IDT54FCT373A Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373AD IDT-IDT54FCT373AD Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373ADB IDT-IDT54FCT373ADB Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT373AE IDT-IDT54FCT373AE Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT377TQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT377T PERICOM-PI74FCT377T Datasheet
44Kb / 3P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
Renesas Technology Corp
IDT74FCT377AT RENESAS-IDT74FCT377AT Datasheet
251Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
OCTOBER 2009
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com