Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R3052E Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT79R3052E
Description  RISControllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R3052E Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT79R3052E Datasheet HTML 1Page - Integrated Device Technology IDT79R3052E Datasheet HTML 2Page - Integrated Device Technology IDT79R3052E Datasheet HTML 3Page - Integrated Device Technology IDT79R3052E Datasheet HTML 4Page - Integrated Device Technology IDT79R3052E Datasheet HTML 5Page - Integrated Device Technology IDT79R3052E Datasheet HTML 6Page - Integrated Device Technology IDT79R3052E Datasheet HTML 7Page - Integrated Device Technology IDT79R3052E Datasheet HTML 8Page - Integrated Device Technology IDT79R3052E Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5.3
4
IDT79R3051/79R3052 INTEGRATED RISControllers
COMMERCIAL TEMPERATURE RANGE
Clock Generation Unit
The IDT79R3051 family is driven from a single input clock,
capable of operating in a range of 40%-60% duty cycle. On
chip, the clock generator unit is responsible for managing the
interaction of the CPU core, caches, and bus interface. The
clock generator unit replaces the external delay line required
in IDT79R3000A and IDT79R3001 based applications.
Instruction Cache
The current family includes two different instruction cache
sizes: the IDT79R3051 family (the IDT79R3051 and
IDT79R3051E) feature 4KB of instruction cache, and the
IDT79R3052 and IDT79R3052E each incorporate 8KB of
Instruction Cache. For all four devices, the instruction cache
is organized as a line size of 16 bytes (four words). This
relatively large cache achieves a hit rate well in excess of 95%
in most applications, and substantially contributes to the
performance inherent in the IDT79R3051 family. The cache is
implemented as a direct mapped cache, and is capable of
caching instructions from anywhere within the 4GB physical
address space. The cache is implemented using physical
addresses (rather than virtual addresses), and thus does not
require flushing on context switch.
Data Cache
All four devices incorporate an on-chip data cache of 2KB,
organized as a line size of 4 bytes (one word). This relatively
large data cache achieves hit rates well in excess of 90% in
most applications, and contributes substantially to the perfor-
mance inherent in the IDT79R3051 family. As with the instruc-
tion cache, the data cache is implemented as a direct mapped
physical address cache. The cache is capable of mapping any
word within the 4GB physical address space.
The data cache is implemented as a write through cache,
to insure that main memory is always consistent with the
internal cache. In order to minimize processor stalls due to
data write operations, the bus interface unit incorporates a 4-
deep write buffer which captures address and data at the
processor execution rate, allowing it to be retired to main
memory at a much slower rate without impacting system
performance.
Bus Interface Unit
The IDT79R3051 family uses its large internal caches to
provide the majority of the bandwidth requirements of the
execution engine, and thus can utilize a simple bus interface
connected to slow memory devices.
The IDT79R3051 family bus interface utilizes a 32-bit
address and data bus multiplexed onto a single set of pins.
The bus interface unit also provides an ALE signal to de-
multiplex the A/D bus, and simple handshake signals to
process processor read and write requests. In addition to the
read and write interface, the IDT79R3051 family incorporates
a DMA arbiter, to allow an external master to control the
external bus.
The IDT79R3051 family incorporates a 4-deep write buffer
to decouple the speed of the execution engine from the speed
of the memory system. The write buffers capture and FIFO
processor address and data information in store operations,
and presents it to the bus interface as write transactions at the
rate the memory system can accommodate.
The IDT79R3051/52 read interface performs both single
word reads and quad word reads. Single word reads work with
a simple handshake, and quad word reads can either utilize
the simple handshake (in lower performance, simple sys-
tems) or utilize a tighter timing mode when the memory system
can burst data at the processor clock rate. Thus, the system
designer can choose to utilize page or nibble mode DRAMs
(and possibly use interleaving), if desired, in high-perfor-
mance systems, or use simpler techniques to reduce com-
plexity.
In order to accommodate slower quad-word reads, the
IDT79R3051 family incorporates a 4-deep read buffer FIFO,
so that the external interface can queue up data within the
processor before releasing it to perform a burst fill of the
internal caches. Depending on the cost vs. performance
tradeoffs appropriate to a given application, the system design
engineer could include true burst support from the DRAM to
provide for high-performance cache miss processing, or uti-
lize the read buffer to process quad word reads from slower
memory systems.
SYSTEM USAGE
The IDT79R3051 family has been specifically designed to
easily connect to low-cost memory systems. Typical low-cost
memory systems utilize slow EPROMs, DRAMs, and applica-
tion-specific peripherals. These systems may also typically
contain large, slow Static RAMs, although the IDT79R3051
family has been designed to not specifically require the use of
external SRAMs.
Figure 5 shows a typical system block diagram. Transpar-
ent latches are used to de-multiplex the IDT79R3051/52
address and data busses from the A/D bus. The data paths
between the memory system elements and the R3051 family
A/D bus is managed by simple octal devices. A small set of
simple PALs can be used to control the various data path
elements, and to control the handshake between the memory
devices and the CPU.
DEVELOPMENT SUPPORT
The IDT79R3051 family is supported by a rich set of
development tools, ranging from system simulation tools
through prom monitor support, logic analysis tools, and sub-
system modules.
Figure 7 is an overview of the system development process
typically used when developing IDT79R3051 family-based
applications. The IDT79R3051 family is supported by power-
ful tools through all phases of project development. These
tools allow timely, parallel development of hardware and
software for IDT79R3051/52 based applications, and include
tools such as:
• A program, Cache-3051, which allows the performance of
an IDT79R3051 family based system to be modeled and
understood without requiring actual hardware.


Similar Part No. - IDT79R3052E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-16 IDT-IDT79R3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-20 IDT-IDT79R3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041-25 IDT-IDT79R3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com