Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD725 Datasheet(PDF) 10 Page - Analog Devices

Part # AD725
Description  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD725 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD725_15 Datasheet HTML 6Page - Analog Devices AD725_15 Datasheet HTML 7Page - Analog Devices AD725_15 Datasheet HTML 8Page - Analog Devices AD725_15 Datasheet HTML 9Page - Analog Devices AD725_15 Datasheet HTML 10Page - Analog Devices AD725_15 Datasheet HTML 11Page - Analog Devices AD725_15 Datasheet HTML 12Page - Analog Devices AD725_15 Datasheet HTML 13Page - Analog Devices AD725_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
–10–
AD725
Table I. Timing Description (See Figure 18)
Symbol
Name
Description
NTSC1
PAL2
tSW
Sync Width
Input valid sync width for burst
Min
2.8
µs
Min
3.3
µs
insertion (user-controlled).
Max
5.3
µs
Max
5.4
µs
tSB
Sync to Blanking
Minimum sync to color delay
End
(user-controlled).
Min
8.2
µs
Min
8.1
µs
tSM
Sync to Modulator
Delay to modulator clamp start.
Restore
392 ns
298 ns
tMW
Modulator Restore
Length of modulator offset clamp
Width
(no chroma during this period).
140 ns
113 ns
tSR
Sync to RGB DC
Delay to input clamping start.
Restore
5.4
µs
5.6
µs
tRW
DC Restore Width
Length of input clamp (no RGB
response during this period).
2.5
µs
2.3
µs
tSD
Sync to Delay Line
Delay to start of delay line
Reset
clock reset.
5.7
µs
5.8
µs
tDW
Delay Line Reset
Length of delay line clock reset
Width
(no luma response during this
period), also burst gate.
2.5
µs
2.3
µs
tSS
Sync Input to Luma
Delay from sync input assertion
Sync Output
to sync in LUMA output.
typ
310 ns
typ
265 ns
tBY
Blanking End to
Delay from RGB input assertion
LUMA Start
to LUMA output response.
typ
340 ns
typ
280 ns
tSC
Sync to Colorburst
Delay from valid horizontal sync
start to CRMA colorburst output.
typ
5.8
µs
typ
5.9
µs
tBC
Blanking End to
Delay from RGB input assertion
CRMA Start
to CRMA output response.
typ
360 ns
typ
300 ns
NOTES
1Input clock = 14.318180 MHz, STND pin = logic high.
2Input cock = 17.734475 MHz, STND pin = logic low.
tSW
tSB
tSM
tMW
tSR
tRW
tSD
tDW
tSS
tBY
tSC
tBC
HSYNC/VSYNC
(USER INPUTS)
RIN/GIN BIN
(USER INPUTS)
MODULATOR
RESTORE
INPUT
CLAMPS
BURST FLAG/
DELAY LINE RESET
LUMA
CRMA
Figure 18. Timing Diagram (Not to Scale)


Similar Part No. - AD725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD725-EB AD-AD725-EB Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725-EB AD-AD725-EB Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725-EB AD-AD725-EB Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725-EB AD-AD725-EB Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR AD-AD725AR Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
More results

Similar Description - AD725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD725 AD-AD725 Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ AD-AD725ARZ Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com