Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM0310D100M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSM0310D100M
Description  SMD WIRE WOUND POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSM0310D100M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSM0310D100M Datasheet HTML 1Page - Frontier Electronics. CSM0310D100M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSM0310D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Mark
Test Freq.
(MHz)
DCR Max.
(
Ω)
I sat. Max.
(A)
I rms Max.
(A)
CSM0310D-1R0N
1.0
± 30%
1R0
1
0.078
1.70
1.525
CSM0310D-1R2N
1.2
± 30%
1R2
1
0.078
1.70
1.480
CSM0310D-1R5N
1.5
± 30%
1R5
1
0.090
1.44
1.370
CSM0310D-2R2N
2.2
± 20%, ± 30%
2R2
1
0.100
1.30
1.300
CSM0310D-2R7M
2.7
± 20%, ± 30%
2R7
1
0.169
1.00
1.020
CSM0310D-3R3M
3.3
± 20%, ± 30%
3R3
1
0.156
1.00
1.030
CSM0310D-3R6M
3.6
± 20%, ± 30%
3R6
1
0.215
0.95
0.900
CSM0310D-4R7M
4.7
± 20%, ± 30%
4R7
1
0.204
0.85
0.900
CSM0310D-5R6M
5.6
± 20%, ± 30%
5R6
1
0.342
0.72
0.820
CSM0310D-6R8M
6.8
± 20%, ± 30%
6R8
1
0.300
0.70
0.745
CSM0310D-100M
10
± 20%, ± 30%
100
1
0.420
0.60
0.620
CSM0310D-150M
15
± 20%, ± 30%
150
1
0.660
0.45
0.480
CSM0310D-180M
18
± 20%, ± 30%
180
1
0.793
0.42
0.470
CSM0310D-220M
22
± 20%, ± 30%
220
1
0.924
0.38
0.410
CSM0310D-270M
27
± 20%, ± 30%
270
1
1.404
0.30
0.350
CSM0310D-330M
33
± 20%, ± 30%
330
1
1.860
0.29
0.345
CSM0310D-390M
39
± 20%, ± 30%
390
1
2.275
0.28
0.280
CSM0310D-470M
47
± 20%, ± 30%
470
1
2.400
0.24
0.270
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSM0310D
3.0
(0.118)
3.0
(0.118)
1.0
(0.039)
2.7
(0.106)
0.9
(0.035)
1.2
(0.047)
1.0
(0.039)
2.7
(0.106)
Tol.
±0.1
(0.004)
±0.1
(0.004)
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSM0310D-xxx_, “CSM0310D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Test Freq.: 1MHz, 1V
4. Magnetically shielded
5. High saturation current
6. I sat: based on inductance decrease 30% (at 20 ºC ambient).
7. I rms: based on temperature increase 40ºC (at 20 ºC ambient).
8. Operating temperature-25ºC to +120ºC (Including self-heating).
9. Storage temperature: -40ºC to +85ºC.
10. Inductance measured: Using HP4285A and Chroma1320 & 3302
11. DCR measured: CHROMA 16502 or equivalent.
12. Inductance and Current Range: From 1.0 uH (1.525 A) to 47 uH (0.270 A)
13. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSM0310D100M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0310D-100M FRONTIER-CSM0310D-100M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-150M FRONTIER-CSM0310D-150M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-180M FRONTIER-CSM0310D-180M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-1R0N FRONTIER-CSM0310D-1R0N Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSM0310D100M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
   SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
   Wire Wound SMD Power Inductors
logo
Frontier Electronics.
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS0418P-1R0L FRONTIER-CSS0418P-1R0L Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com