Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM0840D4R7N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSM0840D4R7N
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSM0840D4R7N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSM0840D4R7N Datasheet HTML 1Page - Frontier Electronics. CSM0840D4R7N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSM0840D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Mark
Test Freq.
(KHz)
SRF Min.
(MHz)
DCR Max.
(m
Ω)
I sat. Max.
(A)
I rms Max.
(A)
CSM0840D-R90N
0.9
± 30%
R90
100
85
7.80
12.0
8.00
CSM0840D-1R4N
1.4
± 30%
1R4
100
63
9.10
10.8
7.80
CSM0840D-2R0N
2.0
± 30%
2R0
100
50
11.7
9.00
7.40
CSM0840D-2R2N
2.2
± 30%
2R2
100
41
15.6
7.50
6.00
CSM0840D-3R3N
3.3
± 30%
3R3
100
27
19.5
7.00
5.10
CSM0840D-3R6N
3.6
± 30%
3R6
100
34
19.5
6.00
4.90
CSM0840D-4R7N
4.7
± 30%
4R7
100
30
23.4
5.50
4.60
CSM0840D-6R8N
6.8
± 30%
6R8
100
24
31.2
5.00
4.40
CSM0840D-100M
10
± 20%
100
100
22
37.7
4.00
3.80
CSM0840D-150M
15
± 20%
150
100
16
61.1
3.00
2.80
CSM0840D-220M
22
± 20%
220
100
13
89.7
2.80
2.60
CSM0840D-330M
33
± 20%
330
100
12
126.1
2.00
1.80
CSM0840D-470M
47
± 20%
470
100
8
176.8
1.90
1.75
CSM0840D-680M
68
± 20%
680
100
7
254.8
1.70
1.45
CSM0840D-101M
100
± 20%
101
100
6
377.0
1.10
1.10
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSM0840D
8.0
(0.315)
8.0
(0.315)
4.2
(0.165)
5.6
(0.220)
2.3
(0.091)
3.4
(0.134)
2.2
(0.087)
7.5
(0.295)
Tol.
±0.2
(0.008)
±0.2
(0.008)
Max.
±0.2
(0.008)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSM0840D-xxx_, “CSM0840D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Test Freq.: 100KHz, 1V
4. Magnetically shielded
5. High saturation current
6. I sat: based on inductance decrease 30% (at 20 ºC ambient).
7. I rms: based on temperature increase 40ºC (at 20 ºC ambient).
8. Storage temperature: -40ºC to +85ºC.
9. Operating temperature range: -25ºC to +120ºC (Including self-heating).
10. Inductance measured: CH-3302, HP4286A or equivalent
11. DCR measured: CHROMA 16502 or equivalent.
12. Inductance and Current Range: From 0.9 uH (8.0 A) to 100 uH (1.1 A)
13. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSM0840D4R7N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0840D-100M FRONTIER-CSM0840D-100M Datasheet
164Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0840D-101M FRONTIER-CSM0840D-101M Datasheet
164Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0840D-150M FRONTIER-CSM0840D-150M Datasheet
164Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0840D-1R4N FRONTIER-CSM0840D-1R4N Datasheet
164Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0840D-220M FRONTIER-CSM0840D-220M Datasheet
164Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSM0840D4R7N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com