Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM0315D3R3M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSM0315D3R3M
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSM0315D3R3M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSM0315D3R3M Datasheet HTML 1Page - Frontier Electronics. CSM0315D3R3M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSM0315D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Mark
Test Freq.
(MHz)
DCR Max.
(
Ω)
I sat. Max.
(A)
I rms Max.
(A)
CSM0315D-1R0N
1.0
± 20%, ± 30%
1R0
1
0.0360
2.10
2.10
CSM0315D-1R5N
1.5
± 20%, ± 30%
1R5
1
0.0480
1.80
1.90
CSM0315D-1R8N
1.8
± 20%, ± 30%
1R8
1
0.0650
1.75
1.70
CSM0315D-2R2N
2.2
± 20%, ± 30%
2R2
1
0.0720
1.48
1.60
CSM0315D-2R7N
2.7
± 20%, ± 30%
2R7
1
0.0975
1.52
1.43
CSM0315D-3R3M
3.3
± 20%, ± 30%
3R3
1
0.0960
1.21
1.45
CSM0315D-3R6M
3.6
± 20%, ± 30%
3R6
1
0.1365
1.28
1.20
CSM0315D-4R7M
4.7
± 20%, ± 30%
4R7
1
0.1360
1.08
1.25
CSM0315D-5R1M
5.6
± 20%, ± 30%
5R6
1
0.1625
1.08
1.09
CSM0315D-6R2M
6.2
± 20%, ± 30%
6R2
1
0.2535
1.00
0.86
CSM0315D-6R8M
6.8
± 20%, ± 30%
6R8
1
0.2110
0.90
0.90
CSM0315D-100M
10
± 20%, ± 30%
100
1
0.2678
0.75
0.87
CSM0315D-120M
12
± 20%, ± 30%
120
1
0.4160
0.70
0.68
CSM0315D-150M
15
± 20%, ± 30%
150
1
0.4220
0.58
0.65
CSM0315D-180M
18
± 20%, ± 30%
180
1
0.5590
0.56
0.59
CSM0315D-220M
22
± 20%, ± 30%
220
1
0.5980
0.47
0.55
CSM0315D-330M
33
± 20%, ± 30%
330
1
0.9590
0.39
0.45
CSM0315D-390M
39
± 20%, ± 30%
390
1
1.2940
0.41
0.39
CSM0315D-430M
43
± 20%, ± 30%
430
1
1.3780
0.37
0.37
CSM0315D-470M
47
± 20%, ± 30%
470
1
1.4060
0.32
0.40
CSM0315D-560M
56
± 20%, ± 30%
560
1
1.6640
0.33
0.34
CSM0315D-680M
68
± 20%, ± 30%
680
1
3.5100
0.28
0.23
CSM0315D-101M
100
± 20%, ± 30%
101
1
2.9200
0.23
0.25
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSM0315D
3.0
(0.118)
3.0
(0.118)
1.5
(0.059)
2.7
(0.106)
0.9
(0.035)
1.2
(0.047)
1.0
(0.039)
2.7
(0.106)
Tol.
±0.1
(0.004)
±0.1
(0.004)
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSM0315D-xxx_, “CSM0315D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Test Freq.: 1MHz, 1V
4. Magnetically shielded
5. High saturation current
6. I sat: based on inductance decrease 30% (at 20 ºC ambient).
7. I rms: based on temperature increase 40ºC (at 20 ºC ambient).
8. Operating temperature range: -25ºC to +105ºC (Including self-heating).
9. Storage temperature: -40ºC to +85ºC.
10. Inductance measured: CH-3302, HP4286A or equivalent.
11. DCR measured: CHROMA 16502 or equivalent.
12. Inductance and Current Range: From 1.0 uH (2.1 A) to 100 uH (0.25 A)
13. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSM0315D3R3M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSM0315D-100M FRONTIER-CSM0315D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0315D-101M FRONTIER-CSM0315D-101M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0315D-120M FRONTIER-CSM0315D-120M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0315D-150M FRONTIER-CSM0315D-150M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0315D-180M FRONTIER-CSM0315D-180M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSM0315D3R3M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com