Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7164S55PB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7164S55PB
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164S55PB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7164S55PB Datasheet HTML 1Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 2Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 3Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 4Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 5Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 6Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 7Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 8Page - Integrated Device Technology IDT7164S55PB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1996
©1996 Integrated Device Technology, Inc.
2967/8
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• High-speed address/chip select access time
— Military: 20/25/30/35/45/55/70/85ns (max.)
— Commercial: 15/20/25/35/70ns (max.)
• Low power consumption
• Battery backup operation — 2V data retention voltage
(L Version only)
• Produced with advanced CMOS high-performance
technology
• Inputs and outputs directly TTL-compatible
• Three-state outputs
• Available in:
— 28-pin DIP and SOJ
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT7164 is a 65,536 bit high-speed static RAM orga-
nized as 8K x 8. It is fabricated using IDT’s high-performance,
high-reliability CMOS technology.
Address access times as fast as 15ns are available and the
circuit offers a reduced power standby mode. When
CS1 goes
HIGH or CS2 goes LOW, the circuit will automatically go to,
and remain in, a low-power stand by mode. The low-power (L)
version also offers a battery backup data retention capability
at power supply levels as low as 2V.
All inputs and outputs of the IDT7164 are TTL-compatible
and operation is from a single 5V supply, simplifying system
designs. Fully static asynchronous circuitry is used, requiring
no clocks or refreshing for operation.
The IDT7164 is packaged in a 28-pin 300 mil DIP and SOJ;
and 28-pin 600 mil DIP.
Military grade product is manufactured in compliance with
the latest revision of MIL-STD-883, Class B, making it ideally
suited to military temperature applications demanding the
highest level of performance and reliability.
FUNCTIONAL BLOCK DIAGRAM
ADDRESS
DECODER
65,536 BIT
MEMORY ARRAY
I/O CONTROL
2967 drw 01
WE
CS
V CC
GND
I/O 0
I/O 7
CONTROL
LOGIC
OE
2
CS 1
A0
A12
0
7
6.1
1
IDT7164S
IDT7164L
CMOS STATIC RAM
64K (8K x 8-BIT)


Similar Part No. - IDT7164S55PB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S Datasheet
749Kb / 10P
   CMOS Static RAM 64K
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
More results

Similar Description - IDT7164S55PB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com