Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT621TSOB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT621TSOB
Description  FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT621TSOB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT621TSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT621TSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT621TSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT621TSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT621TSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT621TSOB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IDT54/74FCT621T/AT
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.18
4
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2.0
mA
TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
Vcc = Max.
VIN = VCC
0.15
0.25
mA/MHz
Outputs Open
VIN = GND
GBA = GAB = GND or VCC
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6,7)
Vcc = Max.
VIN = VCC
1.5
3.5
mA
Outputs Open
VIN = GND
GBA = GAB = GND or VCC
One Bit Toggling
VIN = 3.4V
1.8
4.5
at fi =10MHz
VIN = GND
50% Duty Cycle
Vcc = Max.
VIN = VCC
3.0
6.0
(5)
Outputs Open
VIN = GND
GBA = GAB = GND or VCC
Eight Bits Toggling
VIN = 3.4V
5.0
14.0
(5)
at fi = 2.5MHz
VIN = GND
50% Duty Cycle
NOTES:
2538 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
7. This test is performed with outputs tied to GND through a pull-down resistor.
IDT54/74FCT621T
IDT54/74FCT621AT
Com’l.
Mil.
Com’l.
Mil.
Symbol
Parameter
Condition
(1)
Min.
(2)
Max.
Min.
(2)
Max.
Min.
(2)
Max. Min.
(2)
Max.
Unit
tPLH
Propagation Delay A to B
CL = 50pF
5.5
13.0
5.5
13.5
5.5
12.0
5.5
12.5
ns
tPHL
RL = 500
1.5
8.5
1.5
9.5
1.5
6.8
1.5
7.6
tPLH
Propagation Delay B to A
5.5
12.5
5.5
13.0
5.5
12.0
5.5
12.5
ns
tPHL
1.5
8.0
1.5
9.0
1.5
6.4
1.5
7.2
tPLH
Propagation Delay
GBA to A
5.5
14.0
5.5
14.5
5.5
13.0
5.5
13.5
ns
tPHL
1.5
8.5
1.5
9.5
1.5
6.8
1.5
7.6
tPLH
Propagation Delay GAB to B
5.5
14.0
5.5
14.5
5.5
13.0
5.5
13.5
ns
tPHL
1.5
8.0
1.5
9.0
1.5
6.4
1.5
7.2
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
2538 tbl 07


Similar Part No. - IDT74FCT621TSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621TSOG IDT-IDT74FCT621TSOG Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
More results

Similar Description - IDT74FCT621TSOB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
   CMOS Octal Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com